Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D-SHAPED Datasheet(PDF) 1 Page - Orbel Corporation

Part # D-SHAPED
Description  Open-cell Polyurethane foam core
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORBEL [Orbel Corporation]
Direct Link  https://www.orbel.com/
Logo ORBEL - Orbel Corporation

D-SHAPED Datasheet(HTML) 1 Page - Orbel Corporation

  D-SHAPED Datasheet HTML 1Page - Orbel Corporation D-SHAPED Datasheet HTML 2Page - Orbel Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WEIGHT: 0.608oz [17.237g]
SCALE: 10:1
SIZE
A
SHEET 1 OF 1
01
FINISH:
DO NOT SCALE DRAWING
REV.
MATERIAL:
NAME
.030 [.762]
DATE
D-SHAPED
THREE PLACE DECIMAL
PROPRIETARY AND CONFIDENTIAL
ORBEL CORPORATION IS PROHIBITED.
TWO PLACE DECIMAL
.020 [.508]
TNC
8/9/2019
DRAWN
CHECKED
ENG APPR.
MFG APPR.
Q.A.
CAGE CODE: 57DU2
COMMENTS:
DIMENSIONS ARE IN INCHES [MILLIMETERS]
TOLERANCES:
FRACTIONAL
ANGULAR: MACH 3 Degrees
THE INFORMATION CONTAINED IN THIS
DRAWING IS THE SOLE PROPERTY OF
ORBEL CORPORATION. ANY
REPRODUCTION IN PART OR AS A WHOLE
WITHOUT THE WRITTEN PERMISSION OF
DWG NO.
PROJECTION
THIRD
ANGLE
RoHS Compliant
SCALE: 15:1
SIDE VIEW
Notes:
Open-cell Polyurethane foam core
1.
Nickel-plated copper nylon ripstop fabric
2.
For more detailed specs, see Orbel product catalog
3.
POLYURETHANE FOAM [1]
PRESSURE SENSITIVE ADHESIVE
METALIZED FABRIC [2]
ARBITRARY PART LENGTH "L"
W
H
H
W
0.040
0.150
0.040
0.200
0.050
0.140
0.050
0.187
0.050
0.250
0.060
0.150
0.060
0.250
0.070
0.135
0.070
0.180
0.080
0.080
0.080
0.157
0.080
0.394
0.090
0.090
0.090
0.150
0.100
0.300
0.110
0.180
0.120
0.150


Similar Part No. - D-SHAPED

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
D-SCE-1K-12-50 MACOM-D-SCE-1K-12-50 Datasheet
5Mb / 85P
tyco electronics contents
D-SCE-1K-12-50-4 MACOM-D-SCE-1K-12-50-4 Datasheet
234Kb / 2P
D-SCE Fluid resistant heat-shrinkable wire identification sleeves
D-SCE-1K-12-50-9 MACOM-D-SCE-1K-12-50-9 Datasheet
234Kb / 2P
D-SCE Fluid resistant heat-shrinkable wire identification sleeves
D-SCE-1K-12-50-S1-9 MACOM-D-SCE-1K-12-50-S1-9 Datasheet
234Kb / 2P
D-SCE Fluid resistant heat-shrinkable wire identification sleeves
D-SCE-1K-18-50 MACOM-D-SCE-1K-18-50 Datasheet
5Mb / 85P
tyco electronics contents
More results

Similar Description - D-SHAPED

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
COATING-300 LSTD-COATING-300 Datasheet
107Kb / 2P
Two part Polyurethane Coating
OCF LSTD-OCF Datasheet
167Kb / 2P
Open-cell
logo
3M Electronics
525 3M-525 Datasheet
377Kb / 5P
500-Series Polyurethane Products:
Jul-2014
8686 3M-8686 Datasheet
103Kb / 2P
3M Polyurethane Protective Tape
Jun-2010
8542 3M-8542 Datasheet
417Kb / 2P
3M™ Polyurethane Protective Tape
Jun-2018
8663 3M-8663 Datasheet
344Kb / 2P
3M??Polyurethane Protective Tape
8561 3M-8561 Datasheet
100Kb / 2P
Polyurethane Protective Tape
logo
Orbel Corporation
BELL-SHAPED ORBEL-BELL-SHAPED Datasheet
190Kb / 2P
Open-cell Polyurethane foam core
REV. 01
logo
GardTec, Inc.
SC40-M30 GARDTEC-SC40-M30 Datasheet
113Kb / 1P
Polyurethane Foam UL94HF-1 30PPI
SC40-M45 GARDTEC-SC40-M45 Datasheet
113Kb / 1P
Polyurethane Foam UL94HF-1 45PPI
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com