Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FD-41W Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # FD-41W
Description  Digital Fiber Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FD-41W Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button FD-41W Datasheet HTML 2Page - List of Unclassifed Manufacturers FD-41W Datasheet HTML 3Page - List of Unclassifed Manufacturers FD-41W Datasheet HTML 4Page - List of Unclassifed Manufacturers FD-41W Datasheet HTML 5Page - List of Unclassifed Manufacturers FD-41W Datasheet HTML 6Page - List of Unclassifed Manufacturers FD-41W Datasheet HTML 7Page - List of Unclassifed Manufacturers FD-41W Datasheet HTML 8Page - List of Unclassifed Manufacturers FD-41W Datasheet HTML 9Page - List of Unclassifed Manufacturers FD-41W Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Digital Fiber Sensor
FX-300 SERIES
144
Selection
Guide
Fibers
Fiber
Amplifiers
FX-500
FX-100
FX-300
FX-410
FX-311
FX-301-F7/
FX-301-F
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
ELECTRICITY
PREVENTION
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
CONSUMPTION
VISUALIZATION
COMPONENTS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
ORDER GUIDE
Quick-connection cables
For FX-301(-HS)/B/G/H Quick-connection cable is not supplied with the amplifier. Please order it separately.
Type
Model No.
Description
Main cable
(3-core)
CN-73-C1
Length: 1 m 3.281 ft
0.2 mm2 3-core cabtyre cable, with connector
on one end
Cable outer diameter: ø3.3 mm ø0.130 in
CN-73-C2
Length: 2 m 6.562 ft
CN-73-C5
Length: 5 m 16.404 ft
Sub cable
(1-core)
CN-71-C1
Length: 1 m 3.281 ft
0.2 mm2 1-core cabtyre cable, with connector
on one end
Cable outer diameter: ø3.3 mm ø0.130 in
CN-71-C2
Length: 2 m 6.562 ft
CN-71-C5
Length: 5 m 16.404 ft
Main cable
• CN-73-C□
Sub cable
• CN-71-C□
For FX-305 Quick-connection cable is not supplied with the amplifier. Please order it separately.
Type
Model No.
Description
Main cable
(4-core)
CN-74-C1
Length: 1 m 3.281 ft
0.2 mm2 4-core cabtyre cable, with connector
on one end
Cable outer diameter: ø3.3 mm ø0.130 in
CN-74-C2
Length: 2 m 6.562 ft
CN-74-C5
Length: 5 m 16.404 ft
Sub cable
(2-core)
CN-72-C1
Length: 1 m 3.281 ft
0.2 mm2 2-core cabtyre cable, with connector
on one end
Cable outer diameter: ø3.3 mm ø0.130 in
CN-72-C2
Length: 2 m 6.562 ft
CN-72-C5
Length: 5 m 16.404 ft
Main cable
• CN-74-C□
Sub cable
• CN-72-C□
End plates End plates are not supplied with the amplifier. Please order them separately when the amplifiers are mounted in cascade.
Appearance
Model No.
Description
MS-DIN-E
When cascading multiple amplifiers, or when it
moves depending on the way it is installed on a
DIN rail, these end plates clamp amplifiers into
place on both sides. Make sure to use end plates
when cascading multiple amplifiers together.
Two pcs. per set
Designation
Model No.
Description
Amplifier
mounting bracket
MS-DIN-2
Mounting bracket for amplifier
Fiber amplifier
protection seal
FX-MB1
10 sets of 2 communication window seals and 1 connector seal
Communication window seal:
It prevents malfunction due to transmission signal from another
amplifier, as well as, prevents effect on another amplifier.
Connector seal:
It prevents contact of any metal, etc., with the pins of the quick-
connection cable.
Amplifier mounting bracket
• MS-DIN-2
Fiber amplifier protection seal
• FX-MB1
Connector seal
Communication
window seal
Note: Fiber amplifier protection seals are supplied with the
FX-301(P) and FX-305(P).
OPTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com