| Electronic Components Datasheet Search |
|
ST72334J2B3 Datasheet(PDF) 47 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72334J2B3 Datasheet(HTML) 47 Page - STMicroelectronics |
|
47 / 125 page ![]() ST72334J/N, ST72314J/N, ST72124J 47/125 6.2 MISCELLANEOUS REGISTERS The miscellaneous registers allow control over several different features such as the external in- terrupts or the I/O alternate functions. 6.2.1 I/O Port Interrupt Sensitivity Description The external interrupt sensitivity is controlled by the ISxx bits of the MISCR1 miscellaneous regis- ter. This control allows to have two fully independ- ent external interrupt source sensitivities. Each external interrupt source can be generated on four different events on the pin: s Falling edge s Rising edge s Falling and rising edge s Falling edge and low level To guarantee correct functionality, the sensitivity bits in the MISCR1 register must be modified only when the I bit of the CC register is set to 1 (inter- rupt masked). See I/O port register and Miscella- neous register descriptions for more details on the programming. 6.2.2 I/O Port Alternate Functions The MISCR registers manage four I/O port miscel- laneous alternate functions: s Main clock signal (fCPU) output on PF0 s A beep signal output on PF1 (with 3 selectable audio frequencies) s SPI pin configuration: – SS pin internal control to use the PC7 I/O port function while the SPI is active. These functions are described in detail in the Sec- tion 6.2.3 Miscellaneous Registers Description. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |