Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72334J4T6 Datasheet(PDF) 37 Page - STMicroelectronics

Part # ST72334J4T6
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72334J4T6 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button ST72334J4T6 Datasheet HTML 33Page - STMicroelectronics ST72334J4T6 Datasheet HTML 34Page - STMicroelectronics ST72334J4T6 Datasheet HTML 35Page - STMicroelectronics ST72334J4T6 Datasheet HTML 36Page - STMicroelectronics ST72334J4T6 Datasheet HTML 37Page - STMicroelectronics ST72334J4T6 Datasheet HTML 38Page - STMicroelectronics ST72334J4T6 Datasheet HTML 39Page - STMicroelectronics ST72334J4T6 Datasheet HTML 40Page - STMicroelectronics ST72334J4T6 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 125 page
background image
ST72334J/N, ST72314J/N, ST72124J
37/125
INTERRUPTS (Cont’d)
Figure 26. Interrupt Processing Flowchart
Table 6. Interrupt Mapping
N
°
Source
Block
Description
Register
Label
Priority
Order
Exit
from
HALT
Address
Vector
RESET
Reset
N/A
Highest
Priority
Lowest
Priority
yes
FFFE h-FFFFh
TRAP
Software Interrupt
no
FFFCh-FFFDh
0
Not used
FFFA h-FFFBh
1
MCC
CSS
Main Clock Controller Time Base Interrupt
or Clock Security System Interrupt
MCCSR
CRSR
yes
FFF8h-FFF9h
2
EI0
External Interrupt Port A3..0
N/A
FFF6h-FFF7h
3
EI1
External Interrupt Port F2..0
FFF4h-FFF5h
4
EI2
External Interrupt Port B3..0
FFF2h-FFF3h
5
EI3
External Interrupt Port B7..4
FFF0h-FFF1h
6
Not used
FFEEh-FFE Fh
7
SPI
SPI Peripheral Interrupts
SPISR
no
FFECh-FFE Dh
8
TIMER A
TIMER A Peripheral Interrupts
TASR
FFEAh-FFEBh
9
TIMER B
TIMER B Peripheral Interrupts
TBSR
FFE8h-FFE 9h
10
SCI
SCI Peripheral Interrupts
SCISR
FFE6h-FFE 7h
11
Data-EEPROM Data EEPROM Interrupt
EECSR
FFE4h-FFE 5h
12
Not used
FFE2h-FFE 3h
13
FFE0h-FFE 1h
BIT I SET
Y
N
IRET
Y
N
FROM RESET
LOAD PC FROM INTERRUPT VECTO R
STACK PC, X, A, CC
SET I BIT
FETCH NEXT INSTR UCTION
EXECU TE INSTRUCTION
THIS CLEARS I BIT BY DEFAULT
RESTORE PC, X, A, CC FROM STACK
BIT I SET
Y
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com