Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F100FF Datasheet(PDF) 98 Page - Renesas Technology Corp

Part # R5F100FF
Description  True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100FF Datasheet(HTML) 98 Page - Renesas Technology Corp

Back Button R5F100FF Datasheet HTML 94Page - Renesas Technology Corp R5F100FF Datasheet HTML 95Page - Renesas Technology Corp R5F100FF Datasheet HTML 96Page - Renesas Technology Corp R5F100FF Datasheet HTML 97Page - Renesas Technology Corp R5F100FF Datasheet HTML 98Page - Renesas Technology Corp R5F100FF Datasheet HTML 99Page - Renesas Technology Corp R5F100FF Datasheet HTML 100Page - Renesas Technology Corp R5F100FF Datasheet HTML 101Page - Renesas Technology Corp R5F100FF Datasheet HTML 102Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 207 page
background image
RL78/G13
2. ELECTRICAL SPECIFICATIONS (TA = –40 to +85°C)
R01DS0131EJ0350 Rev.3.50
98 of 200
Jun 30, 2020
(9) Communication at different potential (1.8 V, 2.5 V, 3 V) (CSI mode) (slave mode, SCKp... external clock input)
(TA = –40 to +85°C, 1.8 V
≤ EVDD0 = EVDD1 ≤ VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V) (1/2)
Parameter
Symbol
Conditions
HS (high-speed
main) Mode
LS (low-speed
main) Mode
LV (low-voltage
main) Mode
Unit
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
SCKp cycle time Note 1
tKCY2
4.0 V
≤ EVDD0 ≤ 5.5 V,
2.7 V
≤ Vb ≤ 4.0 V
24 MHz < fMCK
14/
fMCK
–
–
ns
20 MHz < fMCK
≤ 24 MHz
12/
fMCK
–
–
ns
8 MHz < fMCK
≤ 20 MHz
10/
fMCK
–
–
ns
4 MHz < fMCK
≤ 8 MHz
8/fMCK
16/
fMCK
–
ns
fMCK
≤ 4 MHz
6/fMCK
10/
fMCK
10/
fMCK
ns
2.7 V
≤ EVDD0 < 4.0 V,
2.3 V
≤ Vb ≤ 2.7 V
24 MHz < fMCK
20/
fMCK
–
–
ns
20 MHz < fMCK
≤ 24 MHz
16/
fMCK
–
–
ns
16 MHz < fMCK
≤ 20 MHz
14/
fMCK
–
–
ns
8 MHz < fMCK
≤ 16 MHz
12/
fMCK
–
–
ns
4 MHz < fMCK
≤ 8 MHz
8/fMCK
16/
fMCK
–
ns
fMCK
≤ 4 MHz
6/fMCK
10/
fMCK
10/
fMCK
ns
1.8 V
≤ EVDD0 < 3.3 V,
1.6 V
≤ Vb ≤ 2.0 V Note 2
24 MHz < fMCK
48/
fMCK
–
–
ns
20 MHz < fMCK
≤ 24 MHz
36/
fMCK
–
–
ns
16 MHz < fMCK
≤ 20 MHz
32/
fMCK
–
–
ns
8 MHz < fMCK
≤ 16 MHz
26/
fMCK
–
–
ns
4 MHz < fMCK
≤ 8 MHz
16/
fMCK
16/
fMCK
–
ns
fMCK
≤ 4 MHz
10/
fMCK
10/
fMCK
10/
fMCK
ns
(Notes and Caution are listed on the next page, and Remarks are listed on the page after the next page.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com