Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASB160 Datasheet(PDF) 1 Page - XP Power Limited

Part # ASB160
Description  AC-DC PO WER SUPPLIES AC-DC PO WER SUPPLIES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ASB160 Datasheet(HTML) 1 Page - XP Power Limited

  ASB160 Datasheet HTML 1Page - XP Power Limited ASB160 Datasheet HTML 2Page - XP Power Limited ASB160 Datasheet HTML 3Page - XP Power Limited ASB160 Datasheet HTML 4Page - XP Power Limited ASB160 Datasheet HTML 5Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AC-DC POWER SUPPLIES
Dimensions
Applications
ASB160 Series
160W
Models & Ratings
Model number(1)
Output Power
Output Voltage
Output Current
Ripple & Noise
Efficiency(2)
ASB160PS12
160W
12.0V
13.30A
120mV
92.0%
ASB160PS15
15.0V
10.66A
150mV
93.0%
ASB160PS24
24.0V
6.66A
240mV
92.0%
ASB160PS36
36.0V
4.44A
360mV
93.0%
ASB160PS48
48.0V
3.33A
480mV
93.0%
ASB160PS54
54.0V
2.96A
540mV
91.0%
`
1. Add suffix ‘-HK’ to receive with optional heat-sink fitted.
2. Typical efficiency with 230VAC input and full load.
3. Optional heatsink can be ordered as a separate item using
part number IFH HEATSINK
Notes:
2.40 x 4.60 x 0.78” (61.0 x 116.8 x 19.7 mm)
The ASB160 series is a range of complete low profile, full brick, baseplate cooled AC-DC
power supplies which requires no external components.
The series includes a complete built in EMC filter and AC fuse as well as bulk storage
capacitor providing a complete AC-DC power solution ready for installation into end
applications.
The ASB160 offers high efficiency to minimise waste heat and heat sinking requirements
and operates from -40°C to +90°C on the module baseplate.
Features
• Complete AC-DC power supply
• No extra components required
• Baseplate cooled full brick package
• Low profile
• Input range 90 to 264VAC
• Single outputs from 12 to 54VDC
• Output voltage trim ±5%
• High efficiency - up to 93%
• Over current, over voltage and over temperature protection
• Optional heatsink available
• -40 to +90°C baseplate operating temperature
• 3 year warranty
AC-DC
Converters
Industrial
Electronics
Instrumentation
Railway
Security
Technology
BASEPLATE
COOLED
AC-DC POWER SUPPLIES


Similar Part No. - ASB160

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ASB110 XPPOWER-ASB110 Datasheet
607Kb / 4P
No Extra Components Required
ASB110PS12 XPPOWER-ASB110PS12 Datasheet
607Kb / 4P
No Extra Components Required
ASB110PS15 XPPOWER-ASB110PS15 Datasheet
607Kb / 4P
No Extra Components Required
ASB110PS24 XPPOWER-ASB110PS24 Datasheet
607Kb / 4P
No Extra Components Required
ASB110PS28 XPPOWER-ASB110PS28 Datasheet
607Kb / 4P
No Extra Components Required
More results

Similar Description - ASB160

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ASB75 XPPOWER-ASB75 Datasheet
1Mb / 7P
AC-DC PO WER SUPPLIES
HPA1K5 XPPOWER-HPA1K5 Datasheet
2Mb / 9P
AC-DC PO WER SUPPLIES
LCW100 XPPOWER-LCW100 Datasheet
1Mb / 5P
AC-DC PO WER SUPPLIES
LCW200 XPPOWER-LCW200 Datasheet
1Mb / 7P
AC-DC PO WER SUPPLIES
LCW320 XPPOWER-LCW320 Datasheet
1Mb / 6P
AC-DC PO WER SUPPLIES
LCW35 XPPOWER-LCW35 Datasheet
1Mb / 5P
AC-DC PO WER SUPPLIES
LCW50 XPPOWER-LCW50 Datasheet
1Mb / 5P
AC-DC PO WER SUPPLIES
LCW75 XPPOWER-LCW75 Datasheet
1Mb / 5P
AC-DC PO WER SUPPLIES
AMF24 XPPOWER-AMF24 Datasheet
2Mb / 6P
AC-DC PO WER SUPPLIES
09 March 2022
AMF36 XPPOWER-AMF36 Datasheet
2Mb / 6P
AC-DC PO WER SUPPLIES
15 March 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com