Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC705SP7 Datasheet(PDF) 152 Page - NXP Semiconductors

Part # 68HC705SP7
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705SP7 Datasheet(HTML) 152 Page - NXP Semiconductors

Back Button 68HC705SP7 Datasheet HTML 148Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 149Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 150Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 151Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 152Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 153Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 154Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 155Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 156Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 230 page
background image
Core Timer
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
Core Timer
Each count of the timer counter register takes eight oscillator cycles or
four cycles of the internal bus. A timer overflow function at the eighth
counter stage allows a timer interrupt every 2048 oscillator clock cycles
or every 1024 internal bus cycles.
10.5 COP Watchdog
Four counter stages at the end of the core timer make up the computer
operating properly (COP) watchdog which can be enabled by the
COPEN bit in the MOR. The COP watchdog is a software error detection
system that automatically times out and resets the MCU if the COP
watchdog is not cleared periodically by a program sequence. Writing a
logic zero to COPC bit in the COP register clears the COP watchdog and
prevents a COP reset.
EPMSEC — EPROM Security1
The EPMSEC bit is a write-only security bit to protect the contents of
the user EPROM code stored in locations $0700–$1FFF.
OPT — Optional Features
The OPT bit enables two additional features: direct drive by
comparator outputs to port A; and voltage offset capability to sample
capacitor in analog subsystem.
1 = Optional features enabled
0 = Optional features disabled
1. No security feature is absolutely secure. However, Motorola’s strategy is to make reading or
copying the EPROM/OTPROM difficult for unauthorized users.
$1FF0
Bit 7
654321
Bit 0
Read:
OPT
Write:
EPMSEC
COPC
Reset:
Unaffected by Reset
= Unimplemented
Figure 10-4. COP and Security Register (COPR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com