Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC705SP7 Datasheet(PDF) 156 Page - NXP Semiconductors

Part # 68HC705SP7
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705SP7 Datasheet(HTML) 156 Page - NXP Semiconductors

Back Button 68HC705SP7 Datasheet HTML 152Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 153Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 154Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 155Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 156Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 157Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 158Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 159Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 160Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 230 page
background image
Programmable Timer
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
Programmable Timer
11.2 Introduction
The MC68HC705JJ7/MC68HC705JP7 MCU contains a 16-bit
programmable timer with an input capture function and an output
compare function as shown by the block diagram in Figure 11-1.
The basis of the capture/compare timer is a 16-bit free-running counter
which increases in count with every four internal bus clock cycles. The
counter is the timing reference for the input capture and output compare
functions. The input capture and output compare functions provide a
means to latch the times at which external events occur, to measure
input waveforms, and to generate output waveforms and timing delays.
Software can read the value in the 16-bit free-running counter at any
time without affecting the counter sequence.
The I/O registers for the input capture and output compare functions are
pairs of 8-bit registers, because of the 16-bit timer architecture used.
Each register pair contains the high and low bytes of that function.
Generally, accessing the low byte of a specific timer function allows full
control of that function; however, an access of the high byte inhibits that
specific timer function until the low byte is also accessed.
Because the counter is 16 bits long and preceded by a fixed divide-by-
four prescaler, the counter rolls over every 262,144 internal clock cycles
(every 524,288 oscillator clock cycles). Timer resolution with a 4-MHz
crystal oscillator is 2 microsecond/count.
The interrupt capability, the input capture edge, and the output compare
state are controlled by the timer control register (TCR) located at $0012,
and the status of the interrupt flags can be read from the timer status
register (TSR) located at $0013.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com