Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC705SP7 Datasheet(PDF) 164 Page - NXP Semiconductors

Part # 68HC705SP7
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705SP7 Datasheet(HTML) 164 Page - NXP Semiconductors

Back Button 68HC705SP7 Datasheet HTML 160Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 161Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 162Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 163Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 164Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 165Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 166Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 167Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 168Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 230 page
background image
Programmable Timer
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
Programmable Timer
11.6 Output Compare Registers (OCRH and OCRL)
The output compare function is a means of generating an output signal
when the 16-bit timer counter reaches a selected value as shown in
Figure 11-8. Software writes the selected value into the output compare
registers. On every fourth internal clock cycle (every eight oscillator
clock cycles) the output compare circuitry compares the value of the
free-running timer counter to the value written in the output compare
registers. When a match occurs, the timer transfers the output level
(OLVL) from the timer control register (TCR) to the PB4/AN4/TCMP pin.
Software can use the output compare register to measure time periods,
to generate timing delays, or to generate a pulse of specific duration or
a pulse train of specific frequency and duty cycle on the PB4/AN4/TCMP
pin.
Figure 11-8. Timer Output Compare Block Diagram
OCRH ($0016)
16-BIT COUNTER
÷ 4
INTERNAL
(OSC
÷ 2)
TIMER CONTROL REG.
TIMER
REQUEST
OUTPUT COMPARE
RESET
CLOCK
INTERRUPT
OCRL ($0017)
TIMER STATUS REG.
$0012
$0013
INTERNAL
($FFFC)
DATA
R/W
OCRH
R/W
OCRL
BUS
PB4
AN4
TCMP
EDGE
SELECT
DETECT
LOGIC
16-BIT COMPARATOR
(OCF)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com