Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC705SP7 Datasheet(PDF) 167 Page - NXP Semiconductors

Part # 68HC705SP7
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705SP7 Datasheet(HTML) 167 Page - NXP Semiconductors

Back Button 68HC705SP7 Datasheet HTML 163Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 164Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 165Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 166Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 167Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 168Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 169Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 170Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 171Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 230 page
background image
Programmable Timer
Timer Control Register (TCR)
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
General Release Specification
Programmable Timer
ICIE — Input Capture Interrupt Enable
This read/write bit enables interrupts caused by an active signal on
the TCAP pin or from CPF2 flag bit of the analog subsystem voltage
comparator 2. Reset clears the ICIE bit.
1 = Input capture interrupts enabled
0 = Input capture interrupts disabled
OCIE — Output Compare Interrupt Enable
This read/write bit enables interrupts caused by an active match of the
output compare function. Reset clears the OCIE bit.
1 = Output compare interrupts enabled
0 = Output compare interrupts disabled
TOIE — Timer Overflow Interrupt Enable
This read/write bit enables interrupts caused by a timer overflow.
Reset clears the TOIE bit.
1 = Timer overflow interrupts enabled
0 = Timer overflow interrupts disabled
IEDG — Input Capture Edge Select
The state of this read/write bit determines whether a positive or
negative transition triggers a transfer of the contents of the timer
register to the input capture register. This transfer can occur due to
transitions on the TCAP pin or the CPF2 flag bit of voltage comparator
2. Resets have no effect on the IEDG bit.
1 = Positive edge (low-to-high transition) triggers input capture
0 = Negative edge (high-to-low transition) triggers input capture
NOTE:
The IEDG bit must be set when either Mode 2 or 3 of the analog
subsystem is being used for A/D conversions. Otherwise the input
capture will not occur on the rising edge of the comparator 2 flag.
OLVL — Output Compare Output Level Select
The state of this read/write bit determines whether a logic one or a
logic zero is transferred to the TCMP pin when a successful output
compare occurs. Resets clear the OLVL bit.
1 = Signal to TCMP pin goes high on output compare
0 = Signal to TCMP pin goes low on output compare
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com