Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC705SP7 Datasheet(PDF) 185 Page - NXP Semiconductors

Part # 68HC705SP7
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705SP7 Datasheet(HTML) 185 Page - NXP Semiconductors

Back Button 68HC705SP7 Datasheet HTML 181Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 182Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 183Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 184Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 185Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 186Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 187Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 188Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 189Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 230 page
background image
EPROM/OTPROM
EPROM Programming
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
General Release Specification
EPROM/OTPROM
addresses $1FF0–$1FFF which includes the mask option register at
address $1FF1, and the security bit at address $1FF0.
NOTE:
To program the EPROM/OTPROM, MOR or EPMSEC bits properly, the
VDD voltage must be greater than 4.5 volts.
13.4.1 MOR Programming
The contents of the MOR should be programmed using the programmer
board. To program any bits in the MOR, the desired bit states must be
written to the MOR address and then the MPGM bit in the EPROG
register must be used. The following sequence will program the MOR:
1. Write the desired data to the MOR location ($1FF1).
2. Apply the programming voltage to the IRQ/VPP pin.
3. Set the MPGM bit in the EPROG.
4. Wait for the programming time, tMPGM.
5. Clear the MPGM bit in the EPROG.
6. Remove the programming voltage from the IRQ/VPP pin.
Once the MOR bits have been programmed, some of the options may
experience glitches in operation after removal of the programming
voltage. It is recommended that the part be reset before trying to verify
the contents of the user EPROM or the MOR itself.
NOTE:
The contents of the EPROM or the MOR cannot be accessed if the
EPMSEC bit in the COP register has been set.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com