Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC705SP7 Datasheet(PDF) 186 Page - NXP Semiconductors

Part # 68HC705SP7
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705SP7 Datasheet(HTML) 186 Page - NXP Semiconductors

Back Button 68HC705SP7 Datasheet HTML 182Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 183Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 184Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 185Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 186Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 187Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 188Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 189Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 190Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 230 page
background image
EPROM/OTPROM
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
EPROM/OTPROM
13.4.2 EPMSEC Programming
The state of the EPMSEC security bit should be programmed using the
programmer board. To program the EPMSEC bit, the desired state must
be written to the COP address and then the MPGM bit in the EPROG
register must be used. The following sequence will program the
EPMSEC bit:
1. Write the desired data to bit 7 of the COP location ($1FF0).
2. Apply the programming voltage to the IRQ/VPP pin.
3. Set the MPGM bit in the EPROG.
4. Wait for the programming time, tMPGM.
5. Clear the MPGM bit in the EPROG.
6. Remove the programming voltage from the IRQ/VPP pin.
Once the EPMSEC bit has been programmed to a logical one, access to
the contents of the EPROM and MOR in the expanded non-user modes
will be denied. It is therefore recommended that the user EPROM and
MOR in the part first be programmed and fully verified before setting the
EPMSEC bit.
13.5 EPROM Erasing
MCUs with windowed packages permit EPROM erasure with ultraviolet
light. Erase the EPROM by exposing it to 15 Ws/cm2 of ultraviolet light
with a wavelength of 2537 angstroms. Position the ultraviolet light
source 1 inch from the window. Do not use a shortwave filter. The erased
state of an EPROM bit is a logic zero.
NOTE:
Unlike many commercial EPROMs, an erased EPROM byte will read as
$00. All unused locations should be programmed as zeros.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com