Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC705RC17 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # 68HC705RC17
Description  The MC68HC705RC17 is a general-purpose, low-cost addition to the M68HC05 Family of microcontroller units (MCUs) and is suitable for remote control applications.
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705RC17 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button 68HC705RC17 Datasheet HTML 45Page - NXP Semiconductors 68HC705RC17 Datasheet HTML 46Page - NXP Semiconductors 68HC705RC17 Datasheet HTML 47Page - NXP Semiconductors 68HC705RC17 Datasheet HTML 48Page - NXP Semiconductors 68HC705RC17 Datasheet HTML 49Page - NXP Semiconductors 68HC705RC17 Datasheet HTML 50Page - NXP Semiconductors 68HC705RC17 Datasheet HTML 51Page - NXP Semiconductors 68HC705RC17 Datasheet HTML 52Page - NXP Semiconductors 68HC705RC17 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 126 page
background image
Resets
Internal Resets
MC68HC705RC17 — Rev. 2.0
General Release Specification
Resets
5.5.2 Computer Operating Properly Reset (COPR)
The MCU contains a watchdog timer that automatically times out if not
reset (cleared) within a specific time by a program reset sequence. If the
COP watchdog timer is allowed to time out, an internal reset is
generated to reset the MCU. Regardless of an internal or external reset,
the MCU comes out of a COP reset according to the standard rules of
mode selection.
The COP reset function is enabled or disabled by a mask option and is
verified during production testing.
5.5.2.1 Resetting the COP
Writing a 0 to the COP bit prevents a COP reset. This action resets the
counter and begins the time out period again. The COP bit is bit 0 of
address $3FF0. A read of address $3FF0 returns user data programmed
at that location.
5.5.2.2 COP During Wait Mode
The COP continues to operate normally during wait mode. The software
should pull the device out of wait mode periodically and reset the COP
by writing to the COPF bit to prevent a COP reset.
5.5.2.3 COP During Stop Mode
When the stop enable mask option is selected, stop mode disables the
oscillator circuit and thereby turns the clock off for the entire device.
When stop is executed, the COP counter will hold its current state. If a
reset is used to exit stop mode, the COP counter is reset and held until
4064 POR cycles are completed at which time counting will begin. If an
external IRQ is used to exit stop mode, the COP counter does not wait
for the completion of the 4064 POR cycles but does count these cycles.
Therefore, it is recommended that the COP is fed before executing the
STOP instruction.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com