Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705JJ7GRS/D Datasheet(PDF) 214 Page - NXP Semiconductors

Part # HC705JJ7GRS/D
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JJ7GRS/D Datasheet(HTML) 214 Page - NXP Semiconductors

Back Button HC705JJ7GRS/D Datasheet HTML 210Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 211Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 212Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 213Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 214Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 215Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 216Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 217Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 218Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 230 page
background image
Electrical Specifications
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
Electrical Specifications
15.12 Control Timing (5.0 Vdc)
Characteristic
Symbol
Min
Max
Unit
Frequency of Oscillation (OSC)
RC Oscillator Option
Crystal Oscillator Option
External Clock Source
Internal Low-Power Oscillator
Standard Product (100 kHz nominal)
Mask Option (500 kHz nominal, see Note 3)
fOSC
0.1
DC
60
300
4.2
4.2
4.2
140
700
MHz
MHz
MHz
kHz
kHz
Internal Operating Frequency, Crystal, or External Clock (fOSC/2)
RC Oscillator Option
Crystal Oscillator Option
External Clock Source
Internal Low-Power Oscillator
Standard Product (100 kHz nominal)
Mask Option (500 kHz nominal, see Note 3)
fOP
0.05
DC
30
150
2.1
2.1
2.1
75
350
MHz
MHz
MHz
kHz
kHz
Cycle Time (1/fOP)
External Oscillator or Clock Source
Internal Low-Power Oscillator
Standard Product (100 kHz nominal)
Mask Option (500 kHz nominal, see Note 3)
tCYC
476
14.29
2.86
33.33
6.67
ns
µs
µs
16-Bit Timer
Resolution
Input Capture (TCAP) Pulse Width
tRESL
tTH, tTL
4.0
284
tCYC
ns
Interrupt Pulse Width Low (Edge-Triggered)
tILIH
284
ns
Interrupt Pulse Period
tILIL
see Note 2
tCYC
OSC1 Pulse Width (External Clock Input)
tOH, tOL
110
ns
Analog Subsystem Response
Voltage Comparators
Switching Time (10 mV Overdrive, Either Input)
Comparator Power-Up Delay (Bias Circuit Already Powered Up)
External Current Source (PB0/AN0)
Switching Time (IDIS to IRAMP)
Power-Up Delay (Bias Circuit Already Powered Up)
Bias Circuit Power-Up Delay
tCPROP
tCDELAY
tISTART
tIDELAY
tBDELAY
2
2
1
2
2
µs
µs
µs
µs
µs
NOTES:
1. +4.5
≤ V
DD ≤ +5.5 V, VSS = 0 V, TL ≤ TA ≤ TH, unless otherwise noted
2. The minimum period, tILIL, should not be less than the number of cycle times it takes to execute the interrupt service
routine plus 21 tCYC.
3. The 500 kHz nominal mask option is available through special order only. Contact your local Motorola sales
representative for detailed ordering information.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com