Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705JJ7GRS/D Datasheet(PDF) 223 Page - NXP Semiconductors

Part # HC705JJ7GRS/D
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JJ7GRS/D Datasheet(HTML) 223 Page - NXP Semiconductors

Back Button HC705JJ7GRS/D Datasheet HTML 219Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 220Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 221Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 222Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 223Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 224Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 225Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 226Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 227Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 230 page
background image
Mechanical Specifications
28-Pin Plastic Dual In-Line Package (Case 710)
MC68HC705JJ7/MC68HC705JP7 — Rev. 2.0
General Release Specification
Mechanical Specifications
16.5 28-Pin Plastic Dual In-Line Package (Case 710)
16.6 28-Pin Small Outline Integrated Circuit (Case 751F)
0.100 BSC
0.600 BSC
2.54 BSC
15.24 BSC
MIN
MIN
MAX
MAX
MILLIMETERS
INCHES
DIM
36.45
13.72
3.94
0.36
1.02
1.65
0.20
2.92
0.51
37.21
14.22
5.08
0.56
1.52
2.16
0.38
3.43
15°
1.02
1.435
0.540
0.155
0.014
0.040
0.065
0.008
0.115
0.020
1.465
0.560
0.200
0.022
0.060
0.085
0.015
0.135
15°
0.040
A
B
C
D
F
G
H
J
K
L
M
N
NOTES:
1. POSITIONAL TOLERANCE OF LEADS (D),
SHALL BE WITHIN 0.25mm (0.010) AT
MAXIMUM MATERIAL CONDITION, IN
RELATION TO SEATING PLANE AND
EACH OTHER.
2. DIMENSION L TO CENTER OF LEADS
WHEN FORMED PARALLEL.
3. DIMENSION B DOES NOT INCLUDE
MOLD FLASH.
114
15
28
B
A
C
N
K
M
J
D
SEATING
PLANE
F
HG
L
MIN
MIN
MAX
MAX
MILLIMETERS
INCHES
DIM
A
B
C
D
F
G
J
K
M
P
R
17.80
7.40
2.35
0.35
0.41
0.23
0.13
10.05
0.25
18.05
7.60
2.65
0.49
0.90
0.32
0.29
10.55
0.75
0.701
0.292
0.093
0.014
0.016
0.009
0.005
0.395
0.010
0.711
0.299
0.104
0.019
0.035
0.013
0.011
0.415
0.029
1.27 BSC
0.050 BSC
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION A AND B DO NOT INCLUDE MOLD
PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15
(0.006) PER SIDE.
5. DIMENSION D DOES NOT INCLUDE
DAMBAR PROTRUSION. ALLOWABLE
DAMBAR PROTRUSION SHALL BE 0.13
(0.005) TOTAL IN EXCESS OF D
DIMENSION AT MAXIMUM MATERIAL
CONDITION.
-A-
-B-
114
15
28
-T-
C
SEATING
PLANE
0.010 (0.25)
B
M
M
M
J
-T-
K
26X
G
28X
D
14X
P
R X 45
°
F
0.010 (0.25)
T A
B
M
S
S
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com