Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705JJ7GRS/D Datasheet(PDF) 222 Page - NXP Semiconductors

Part # HC705JJ7GRS/D
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JJ7GRS/D Datasheet(HTML) 222 Page - NXP Semiconductors

Back Button HC705JJ7GRS/D Datasheet HTML 218Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 219Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 220Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 221Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 222Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 223Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 224Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 225Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 226Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 230 page
background image
Mechanical Specifications
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 2.0
Mechanical Specifications
16.3 20-Pin Plastic Dual In-Line Package (Case 738)
16.4 20-Pin Small Outline Integrated Circuit (Case 751D)
1.070
0.260
0.180
0.022
0.070
0.015
0.140
15°
0.040
1.010
0.240
0.150
0.015
0.050
0.008
0.110
0.020
25.66
6.10
3.81
0.39
1.27
0.21
2.80
0.51
27.17
6.60
4.57
0.55
1.77
0.38
3.55
15°
1.01
0.050 BSC
0.100 BSC
0.300 BSC
1.27 BSC
2.54 BSC
7.62 BSC
MIN
MIN
MAX
MAX
INCHES
MILLIMETERS
DIM
A
B
C
D
E
F
G
J
K
L
M
N
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION L TO CENTER OF LEAD WHEN
FORMED PARALLEL.
4. DIMENSION B DOES NOT INCLUDE MOLD
FLASH.
-A-
C
K
N
E
GF
D 20 PL
J 20 PL
L
M
-T-
SEATING
PLANE
110
11
20
0.25 (0.010)
T A
M
M
0.25 (0.010)
T B
M
M
B
MIN
MIN
MAX
MAX
MILLIMETERS
INCHES
DIM
A
B
C
D
F
G
J
K
M
P
R
0.510
0.299
0.104
0.019
0.035
0.012
0.009
0.415
0.029
0.499
0.292
0.093
0.014
0.020
0.010
0.004
0.395
0.010
12.95
7.60
2.65
0.49
0.90
0.32
0.25
10.55
0.75
12.65
7.40
2.35
0.35
0.50
0.25
0.10
10.05
0.25
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS A AND B DO NOT INCLUDE
MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.150
(0.006) PER SIDE.
5. DIMENSION D DOES NOT INCLUDE
DAMBAR PROTRUSION. ALLOWABLE
DAMBAR PROTRUSION SHALL BE 0.13
(0.005) TOTAL IN EXCESS OF D DIMENSION
AT MAXIMUM MATERIAL CONDITION.
1.27 BSC
0.050 BSC
-A-
-B-
P 10 PL
110
11
20
-T-
D 20 PL
K
C
SEATING
PLANE
R X 45
°
M
0.010 (0.25)
B
M
M
0.010 (0.25)
T A
B
M
S
S
G 18 PL
F
J
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com