Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F100MF Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # R5F100MF
Description  True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100MF Datasheet(HTML) 2 Page - Renesas Technology Corp

  R5F100MF Datasheet HTML 1Page - Renesas Technology Corp R5F100MF Datasheet HTML 2Page - Renesas Technology Corp R5F100MF Datasheet HTML 3Page - Renesas Technology Corp R5F100MF Datasheet HTML 4Page - Renesas Technology Corp R5F100MF Datasheet HTML 5Page - Renesas Technology Corp R5F100MF Datasheet HTML 6Page - Renesas Technology Corp R5F100MF Datasheet HTML 7Page - Renesas Technology Corp R5F100MF Datasheet HTML 8Page - Renesas Technology Corp R5F100MF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 207 page
background image
RL78/G13
1. OUTLINE
R01DS0131EJ0350 Rev.3.50
2 of 200
Jun 30, 2020
Ο ROM, RAM capacities
Flash
ROM
Data
flash
RAM
RL78/G13
20 pins
24 pins
25 pins
30 pins
32 pins
36 pins
128
KB
8 KB
12
KB
–
–
–
R5F100AG
R5F100BG
R5F100CG
–
–
–
–
R5F101AG
R5F101BG
R5F101CG
96
KB
8 KB
8 KB
–
–
–
R5F100AF
R5F100BF
R5F100CF
–
–
–
–
R5F101AF
R5F101BF
R5F101CF
64
KB
4 KB
4 KB
Note
R5F1006E
R5F1007E
R5F1008E
R5F100AE
R5F100BE
R5F100CE
–
R5F1016E
R5F1017E
R5F1018E
R5F101AE
R5F101BE
R5F101CE
48
KB
4 KB
3 KB
Note
R5F1006D
R5F1007D
R5F1008D
R5F100AD
R5F100BD
R5F100CD
–
R5F1016D
R5F1017D
R5F1018D
R5F101AD
R5F101BD
R5F101CD
32
KB
4 KB
2 KB
R5F1006C
R5F1007C
R5F1008C
R5F100AC
R5F100BC
R5F100CC
–
R5F1016C
R5F1017C
R5F1018C
R5F101AC
R5F101BC
R5F101CC
16
KB
4 KB
2 KB
R5F1006A
R5F1007A
R5F1008A
R5F100AA
R5F100BA
R5F100CA
–
R5F1016A
R5F1017A
R5F1018A
R5F101AA
R5F101BA
R5F101CA
Flash
ROM
Data
flash
RAM
RL78/G13
40 pins
44 pins
48 pins
52 pins
64 pins
80 pins
100 pins
128 pins
512
KB
8 KB
32 KB
Note
–
R5F100FL
R5F100GL
R5F100JL
R5F100LL
R5F100ML
R5F100PL
R5F100SL
–
–
R5F101FL
R5F101GL
R5F101JL
R5F101LL
R5F101ML
R5F101PL
R5F101SL
384
KB
8 KB
24 KB
–
R5F100FK
R5F100GK
R5F100JK
R5F100LK
R5F100MK
R5F100PK
R5F100SK
–
–
R5F101FK
R5F101GK
R5F101JK
R5F101LK
R5F101MK
R5F101PK
R5F101SK
256
KB
8 KB
20 KB
Note
–
R5F100FJ
R5F100GJ
R5F100JJ
R5F100LJ
R5F100MJ
R5F100PJ
R5F100SJ
–
–
R5F101FJ
R5F101GJ
R5F101JJ
R5F101LJ
R5F101MJ
R5F101PJ
R5F101SJ
192
KB
8 KB
16 KB
R5F100EH
R5F100FH
R5F100GH
R5F100JH
R5F100LH
R5F100MH
R5F100PH
R5F100SH
–
R5F101EH
R5F101FH
R5F101GH
R5F101JH
R5F101LH
R5F101MH
R5F101PH
R5F101SH
128
KB
8 KB
12 KB
R5F100EG
R5F100FG
R5F100GG
R5F100JG
R5F100LG
R5F100MG R5F100PG
–
–
R5F101EG
R5F101FG
R5F101GG
R5F101JG
R5F101LG
R5F101MG R5F101PG
–
96
KB
8 KB
8 KB
R5F100EF
R5F100FF
R5F100GF
R5F100JF
R5F100LF
R5F100MF
R5F100PF
–
–
R5F101EF
R5F101FF
R5F101GF
R5F101JF
R5F101LF
R5F101MF
R5F101PF
–
64
KB
4 KB
4 KB
Note
R5F100EE
R5F100FE
R5F100GE
R5F100JE
R5F100LE
–
–
–
–
R5F101EE
R5F101FE
R5F101GE
R5F101JE
R5F101LE
–
–
–
48
KB
4 KB
3 KB
Note
R5F100ED
R5F100FD
R5F100GD
R5F100JD
R5F100LD
–
–
–
–
R5F101ED
R5F101FD
R5F101GD
R5F101JD
R5F101LD
–
–
–
32
KB
4 KB
2 KB
R5F100EC
R5F100FC
R5F100GC
R5F100JC
R5F100LC
–
–
–
–
R5F101EC
R5F101FC
R5F101GC
R5F101JC
R5F101LC
–
–
–
16
KB
4 KB
2 KB
R5F100EA
R5F100FA
R5F100GA
–
–
–
–
–
–
R5F101EA
R5F101FA
R5F101GA
–
–
–
–
–
Note
The flash library uses RAM in self-programming and rewriting of the data flash memory.
The target products and start address of the RAM areas used by the flash library are shown below.
R5F100xD, R5F101xD (x = 6 to 8, A to C, E to G, J, L): Start address FF300H
R5F100xE, R5F101xE (x = 6 to 8, A to C, E to G, J, L):
Start address FEF00H
R5F100xJ, R5F101xJ (x = F, G, J, L, M, P):
Start address FAF00H
R5F100xL, R5F101xL (x = F, G, J, L, M, P, S):
Start address F7F00H
For the RAM areas used by the flash library, see Self RAM list of Flash Self-Programming Library for RL78
Family (R20UT2944).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com