Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1201088317 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1201088317
Description  Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male (Straight), Green TPU WSOR Cable, 22 AWG, 30.0m (98.40) Length
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

1201088317 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1201088317 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 02/02/2023
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1201088317
Status:
Active
Overview:
Brad Micro-Change (M12) Connectors
Description:
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male
(Straight), Green TPU WSOR Cable, 22 AWG, 30.0m (98.40') Length
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Industrial Cordsets
Series
120108
Connector End A
Micro-Change (M12)
Connector End B
Micro-Change (M12)
IP Rating
IP67
Material - Contact
Copper Alloy
Overview
Brad Micro-Change (M12) Connectors
Product Name
Micro-Change (M12)
Region
Europe
Taxonomy
Circular Industrial Cordsets
Type
Double Ended
UPC
889056150620
Physical
Cable Diameter
6.80mm (.268")
Cable Length
30.0m (98.40')
Color - Cable Jacket
Green
Coupling Style
Threaded
Gender
Male-Male
Keyway
D-coded
LED Indicator
No
Material - Cable Jacket
TPU
Material - Connector Body
TPU
Material - Coupling Nut
Nickel-plated Brass
Material - Plating Mating
Gold
Net Weight
218.590/g
Orientation
Straight to Straight
Poles
4
Temperature Range - Operating
-40° to +80°C
Wire Size AWG
22
Wire/Cable Type
Shielded TPE/AWM 21215
Electrical
Current - Maximum per Contact
1.5A
Voltage - Maximum
30V
Material Info
Engineering Number
E11A06012M300
Reference - Drawing Numbers
Sales Drawing
SD-120108-072-001
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
For more information, please visit Contact US
China ROHS
Not Reviewed
ELV
Not Reviewed
RoHS Phthalates
Not Reviewed
Search Parts in this Series
120108 Series
This document was generated on 02/02/2023
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1201088317

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1201088311 MOLEX-1201088311 Datasheet
46Kb / 1P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male
1201088313 MOLEX-1201088313 Datasheet
21Kb / 1P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male (Straight), Green TPU WSOR Cable, 22 AWG, 15.0m (49.21) Length
01/31/2023
1201088315 MOLEX-1201088315 Datasheet
27Kb / 1P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male (Straight), Green TPU WSOR Cable, 22 AWG, 20.0m (65.62) Length
02/01/2023
More results

Similar Description - 1201088317

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1201088303 MOLEX-1201088303 Datasheet
27Kb / 1P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male (Straight), Green TPU WSOR Cable, 22 AWG, 0.50m (1.64) Length
01/31/2023
1201088306 MOLEX-1201088306 Datasheet
28Kb / 1P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male (Straight), Green TPU WSOR Cable, 22 AWG, 3.0m (9.84) Length
01/31/2023
1200660700 MOLEX-1200660700 Datasheet
43Kb / 2P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (Straight) to Male (Straight), 22 AWG, TPE Cable, 30.0m (98.40) Length
01/31/2023
1200668916 MOLEX-1200668916 Datasheet
45Kb / 2P
Micro-Change (M12) Double-Ended Cordset with Knurled Hexnut, 4 Poles, Female (Straight) to Male (Straight), 22 AWG, Unshielded WSOR Cable, 30.0m (98.40) Length
01/31/2023
1201080034 MOLEX-1201080034 Datasheet
43Kb / 1P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male (Straight), 24 AWG, PVC Cable, 30.0m (98.40) Length
02/21/2023
1201080250 MOLEX-1201080250 Datasheet
27Kb / 2P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male (Straight), 22 AWG, Shielded PUR Cable, 30.0m (98.40) Length
02/01/2023
1201088313 MOLEX-1201088313 Datasheet
21Kb / 1P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male (Straight), Green TPU WSOR Cable, 22 AWG, 15.0m (49.21) Length
01/31/2023
1201088315 MOLEX-1201088315 Datasheet
27Kb / 1P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male (Straight), Green TPU WSOR Cable, 22 AWG, 20.0m (65.62) Length
02/01/2023
1300480132 MOLEX-1300480132 Datasheet
27Kb / 2P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male (Straight), 26 AWG, PVC Cable, 30.0m (98.40) Length
02/02/2023
1300480298 MOLEX-1300480298 Datasheet
27Kb / 1P
Micro-Change (M12) Single-Ended Cordset, 4 Poles, Male (Straight) to Pigtail, 22 AWG, Green TPU WSOR Cable, 30.0m (98.40) Length
02/02/2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com