Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F100LEDXXXSM Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # R5F100LEDXXXSM
Description  True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100LEDXXXSM Datasheet(HTML) 5 Page - Renesas Technology Corp

  R5F100LEDXXXSM Datasheet HTML 1Page - Renesas Technology Corp R5F100LEDXXXSM Datasheet HTML 2Page - Renesas Technology Corp R5F100LEDXXXSM Datasheet HTML 3Page - Renesas Technology Corp R5F100LEDXXXSM Datasheet HTML 4Page - Renesas Technology Corp R5F100LEDXXXSM Datasheet HTML 5Page - Renesas Technology Corp R5F100LEDXXXSM Datasheet HTML 6Page - Renesas Technology Corp R5F100LEDXXXSM Datasheet HTML 7Page - Renesas Technology Corp R5F100LEDXXXSM Datasheet HTML 8Page - Renesas Technology Corp R5F100LEDXXXSM Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 207 page
background image
RL78/G13
1. OUTLINE
R01DS0131EJ0350 Rev.3.50
5 of 200
Jun 30, 2020
Table 1-1. List of Ordering Part Numbers
(2/8)
Pin
count
Package
Data
flash
Fields of
Application
Note
Ordering Part Number
RENESAS Code
Product Name
Packaging
Specifications
30
pins
30-pin plastic
LSSOP
(7.62 mm
(300),
0.65-mm
pitch)
Mounted
A
R5F100AAASP, R5F100ACASP, R5F100ADASP,
R5F100AEASP, R5F100AFASP, R5F100AGASP
#V0, #10, #30,
#X0, #50
PLSP0030JB-B
D
R5F100AADSP, R5F100ACDSP, R5F100ADDSP,
R5F100AEDSP, R5F100AFDSP, R5F100AGDSP
G
R5F100AAGSP, R5F100ACGSP, R5F100ADGSP,
R5F100AEGSP, R5F100AFGSP, R5F100AGGSP
Not
mounted
A
R5F101AAASP, R5F101ACASP, R5F101ADASP,
R5F101AEASP, R5F101AFASP, R5F101AGASP
#V0, #10, #30,
#X0, #50
PLSP0030JB-B
D
R5F101AADSP, R5F101ACDSP, R5F101ADDSP,
R5F101AEDSP, R5F101AFDSP, R5F101AGDSP
32
pins
32-pin plastic
HWQFN
(5
× 5 mm,
0.5-mm
pitch)
Mounted
A
R5F100BAANA, R5F100BCANA, R5F100BDANA,
R5F100BEANA, R5F100BFANA, R5F100BGANA
#U0, #W0
PWQN0032KB-A
#00, #20, #40
PWQN0032KE-A
D
R5F100BADNA, R5F100BCDNA, R5F100BDDNA,
R5F100BEDNA, R5F100BFDNA, R5F100BGDNA
#U0, #W0
PWQN0032KB-A
G
R5F100BAGNA, R5F100BCGNA, R5F100BDGNA,
R5F100BEGNA, R5F100BFGNA, R5F100BGGNA
R5F100BAGNA, R5F100BCGNA, R5F100BDGNA,
R5F100BEGNA, R5F100BFGNA, R5F100BGGNA
#00, #20, #40
PWQN0032KE-A
Not
mounted
A
R5F101BAANA, R5F101BCANA, R5F101BDANA,
R5F101BEANA, R5F101BFANA, R5F101BGANA
#U0, #W0
PWQN0032KB-A
#00, #20, #40
PWQN0032KE-A
D
R5F101BADNA, R5F101BCDNA, R5F101BDDNA,
R5F101BEDNA, R5F101BFDNA, R5F101BGDNA
#U0, #W0
PWQN0032KB-A
36
pins
36-pin plastic
WFLGA
(4
× 4 mm,
0.5-mm
pitch)
Mounted
A
R5F100CAALA, R5F100CCALA, R5F100CDALA,
R5F100CEALA, R5F100CFALA, R5F100CGALA
#U0, #W0
PWLG0036KA-A
G
R5F100CAGLA, R5F100CCGLA, R5F100CDGLA,
R5F100CEGLA, R5F100CFGLA, R5F100CGGLA
Not
mounted
A
R5F101CAALA, R5F101CCALA, R5F101CDALA,
R5F101CEALA, R5F101CFALA, R5F101CGALA
#U0, #W0
PWLG0036KA-A
Note
For the fields of application, refer to Figure 1-1 Part Number, Memory Size, and Package of RL78/G13.
Caution The ordering part numbers represent the numbers at the time of publication. For the latest ordering part
numbers, refer to the target product page of the Renesas Electronics website.
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com