Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAL300 Datasheet(PDF) 2 Page - Micronas

Part # HAL300
Description  Differential Hall Effect Sensor IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL300 Datasheet(HTML) 2 Page - Micronas

  HAL300 Datasheet HTML 1Page - Micronas HAL300 Datasheet HTML 2Page - Micronas HAL300 Datasheet HTML 3Page - Micronas HAL300 Datasheet HTML 4Page - Micronas HAL300 Datasheet HTML 5Page - Micronas HAL300 Datasheet HTML 6Page - Micronas HAL300 Datasheet HTML 7Page - Micronas HAL300 Datasheet HTML 8Page - Micronas HAL300 Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
HAL300
2
Micronas
Differential Hall Effect Sensor IC
in CMOS technology
Introduction
The HAL 300 is a differential Hall switch produced in
CMOS technology. The sensor includes 2 temperature-
compensated Hall plates (2.05 mm apart) with active off-
set compensation, a differential amplifier with a Schmitt
trigger, and an open-drain output transistor (see Fig. 2).
The HAL 300 is a differential sensor which responds to
spatial differences of the magnetic field. The Hall volt-
ages at the two Hall plates, S1 and S2, are amplified with
a differential amplifier. The differential signal is
compared with the actual switching level of the internal
Schmitt trigger. Accordingly, the output transistor is
switched on or off.
The sensor has a bipolar switching behavior and re-
quires positive and negative values of
∆B = BS1 – BS2 for
correct operation.
The HAL 300 is an ideal sensor for applications with a ro-
tating multi-pole-ring in front of the branded side of the
package (see Fig. 4 and Fig. 5), such as ignition timing,
anti-lock brake systems, and revolution counting.
For applications in which a magnet is mounted on the
back side of the package (back-biased applications), the
HAL 320 is recommended.
The active offset compensation leads to constant mag-
netic characteristics over supply voltage and tempera-
ture.
The sensor is designed for industrial and automotive ap-
plications and operates with supply voltages from 4.5 V
to 24 V in the ambient temperature range from –40
°C
up to 150
°C.
The HAL 300 is available in a SMD-package (SOT-89A)
and in a leaded version (TO-92UA).
Features:
– distance between Hall plates: 2.05 mm
– operates from 4.5 V to 24 V supply voltage
– switching offset compensation at 62 kHz
– overvoltage protection
– reverse-voltage protection at VDD-pin
– short-circuit protected open-drain output by thermal
shutdown
– operates with magnetic fields from DC to 10 kHz
– output turns low with magnetic south pole on branded
side of package and with a higher magnetic flux densi-
ty in sensitive area S1 as in S2
– on-chip temperature compensation circuitry mini-
mizes shifts of the magnetic parameters over temper-
ature and supply voltage range
– the decrease of magnetic flux density caused by rising
temperature in the sensor system is compensated by
a built-in negative temperature coefficient of hystere-
sis
– EMC corresponding to DIN 40839
Marking Code
Type
Temperature Range
A
E
C
HAL 300SO,
HAL 300UA
300A
300E
300C
Operating Junction Temperature Range (TJ)
A: TJ = –40 °C to +170 °C
E: TJ = –40 °C to +100 °C
C: TJ = 0 °C to +100 °C
The relationship between ambient temperature (TA) and
junction temperature (TJ) is explained on page 11.
Hall Sensor Package Codes
Type: 300
HAL XXXPA-T
Temperature Range: A, E, or C
Package: SO for SOT-89A,
UA for TO-92UA
→ Type: 300
→ Package: TO-92UA
→ Temperature Range: TJ = –40 °C to +100 °C
Example: HAL 300UA-E
Hall sensors are available in a wide variety of packaging
versions and quantities. For more detailed information,
please refer to the brochure: “Ordering Codes for Hall
Sensors”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com