Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2293 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2293
Description  Dual 12-Bit, 65/40/25Msps Low Power 3V ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2293 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2293 Datasheet HTML 4Page - Linear Technology LTC2293 Datasheet HTML 5Page - Linear Technology LTC2293 Datasheet HTML 6Page - Linear Technology LTC2293 Datasheet HTML 7Page - Linear Technology LTC2293 Datasheet HTML 8Page - Linear Technology LTC2293 Datasheet HTML 9Page - Linear Technology LTC2293 Datasheet HTML 10Page - Linear Technology LTC2293 Datasheet HTML 11Page - Linear Technology LTC2293 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LTC2293/LTC2292/LTC2291
8
229321f
TYPICAL PERFOR A CE CHARACTERISTICS
LTC2292: 8192 Point FFT,
fIN = 30MHz, –1dB, 2V Range,
40Msps
LTC2292: 8192 Point FFT,
fIN = 70MHz, –1dB, 2V Range,
40Msps
LTC2292: 8192 Point FFT,
fIN = 140MHz, –1dB, 2V Range,
40Msps
LTC2292: 8192 Point 2-Tone FFT,
fIN = 21.6MHz and 23.6MHz,
–1dB, 2V Range, 40Msps
LTC2292: Grounded Input
Histogram, 40Msps
LTC2292: SNR vs Input Frequency,
–1dB, 2V Range, 40Msps
LTC2292: Typical INL,
2V Range, 40Msps
LTC2292: Typical DNL,
2V Range, 40Msps
LTC2292: 8192 Point FFT,
fIN = 5MHz, –1dB, 2V Range,
40Msps
CODE
0
3072
229321 G18
1024
2048
4096
1.00
0.75
0.50
0.25
0
–0.25
–0.50
–0.75
–1.00
CODE
0
3072
229321 G19
1024
2048
4096
1.00
0.75
0.50
0.25
0
–0.25
–0.50
–0.75
–1.00
FREQUENCY (MHz)
0
229321 G20
510
15
20
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
FREQUENCY (MHz)
0
229321 G21
510
15
20
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
FREQUENCY (MHz)
0
229321 G22
510
15
20
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
FREQUENCY (MHz)
0
229321 G23
510
15
20
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
FREQUENCY (MHz)
0
229321 G24
510
15
20
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
CODE
2050
229321 G25
2051
2052
70000
60000
50000
40000
30000
20000
10000
0
1424
61538
2558
INPUT FREQUENCY (MHz)
0
70
71
200
229321 G26
69
68
50
100
150
72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com