Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2292CUP Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2292CUP
Description  Dual 12-Bit, 65/40/25Msps Low Power 3V ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2292CUP Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2292CUP Datasheet HTML 3Page - Linear Technology LTC2292CUP Datasheet HTML 4Page - Linear Technology LTC2292CUP Datasheet HTML 5Page - Linear Technology LTC2292CUP Datasheet HTML 6Page - Linear Technology LTC2292CUP Datasheet HTML 7Page - Linear Technology LTC2292CUP Datasheet HTML 8Page - Linear Technology LTC2292CUP Datasheet HTML 9Page - Linear Technology LTC2292CUP Datasheet HTML 10Page - Linear Technology LTC2292CUP Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LTC2293/LTC2292/LTC2291
7
229321f
TYPICAL PERFOR A CE CHARACTERISTICS
LTC2293: SNR and SFDR vs
Sample Rate, 2V Range,
fIN = 5MHz, –1dB
LTC2293: SNR and SFDR vs
Clock Duty Cycle, 65Msps
LTC2293: SNR vs Input Level,
fIN = 30MHz, 2V Range, 65Msps
LTC2293: IOVDD vs Sample Rate,
5MHz Sine Wave Input, –1dB,
OVDD = 1.8V
LTC2293: IVDD vs Sample Rate,
5MHz Sine Wave Input, –1dB
LTC2293: SFDR vs Input Level,
fIN = 30MHz, 2V Range, 65Msps
LTC2293: SFDR vs Input Frequency,
–1dB, 2V Range, 65Msps
SAMPLE RATE (Msps)
229321 G17
12
10
8
6
4
2
0
0
20
40
50
10
30
60
70
80
LTC2293: SNR vs Input Frequency,
–1dB, 2V Range, 65Msps
INPUT FREQUENCY (MHz)
0
70
71
200
229321 G10
69
68
50
100
150
72
SAMPLE RATE (Msps)
229321 G16
155
145
135
125
115
105
95
0
20
40
50
10
30
60
70
80
2V RANGE
1V RANGE
INPUT FREQUENCY (MHz)
0
100
95
90
85
80
75
70
65
150
229321 G11
50
100
200
SAMPLE RATE (Msps)
0
110
100
90
80
70
60
80
229321 G12
20
40
60
100
SNR
SFDR
CLOCK DUTY CYCLE (%)
30
60
229321 G13
40
50
70
100
95
90
85
80
75
70
65
35
45
55
65
SFDR: DCS ON
SFDR: DCS OFF
SNR: DCS ON
SNR: DCS OFF
INPUT LEVEL (dBFS)
–60
–50
– 40
–20
–30
–10
0
229321 G14
80
70
60
50
40
30
20
10
0
dBFS
dBc
INPUT LEVEL (dBFS)
–60
–50
– 40
–20
–30
–10
0
229321 G15
120
110
100
90
80
70
60
50
40
30
20
dBFS
dBc
90dBc SFDR
REFERENCE LINE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com