Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL712CPWR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TL712CPWR
Description  DIFFERENTIAL COMPARATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL712CPWR Datasheet(HTML) 3 Page - Texas Instruments

  TL712CPWR Datasheet HTML 1Page - Texas Instruments TL712CPWR Datasheet HTML 2Page - Texas Instruments TL712CPWR Datasheet HTML 3Page - Texas Instruments TL712CPWR Datasheet HTML 4Page - Texas Instruments TL712CPWR Datasheet HTML 5Page - Texas Instruments TL712CPWR Datasheet HTML 6Page - Texas Instruments TL712CPWR Datasheet HTML 7Page - Texas Instruments TL712CPWR Datasheet HTML 8Page - Texas Instruments TL712CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TL712
DIFFERENTIAL COMPARATOR
SLCS002D − JUNE 1983 − REVISED AUGUST 2003
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.75
5
5.25
V
VIC
Common-mode input voltage
0
5.5
V
IOH
High-level output current
−1
mA
IOL
Low-level output current
16
mA
TA
Operating free-air temperature
0
70
°C
electrical characteristics at VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VT
Threshold voltage (VT+ and VT−)
VICR = 0 to 5 V
− 100†
100
mV
Vhys
Hysteresis (VT+ − VT−)
5
mV
VOH
High-level output voltage
VID = 100 mV,
IOH = − 1 mA
2.7
3.5
V
VOL
Low-level output voltage
VID = − 100 mV,
IOL = 16 mA
0.4
0.5
V
IOZ
Off-state output current
VO = 2.4 V
−20
µA
II
Enable current
VI = 5.5 V
100
µA
IIH
High-level enable current
VIH = 2.7 V
20
µA
IIL
Low-level enable current
VIL = 0.4 V
− 360
µA
ri
Differential input resistance
4
k
Ω
ro
Output resistance
100
Ω
IOS
Short-circuit output current
−15
−85
mA
ICC
Supply current
VID = 0,
No load
17
20
mA
† The algebraic convention, where the more-negative limit is designated as minimum, is used in this data sheet for input threshold voltage levels
only.
switching characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
tPLH
Propagation delay time, low-to-high-level output
TTL load,
See Note 5 and Figure 1
25
ns
tPHL
Propagation delay time, high-to-low-level output
TTL load,
See Note 5 and Figure 1
25
ns
NOTE 5: The response time specified is for a 100-mV input step with 5-mV overdrive (105 mV total) and is the interval between the input step
function and the instant when the output crosses 2.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com