Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APC82218 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # APC82218
Description  T1/E1 Slim Line Hybrids for PMC Sierra
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

APC82218 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  APC82218 Datasheet HTML 1Page - Bel Fuse Inc. APC82218 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CORPORATE
Bel Fuse Inc.
206 Van Vorst Street
Jersey City, NJ 07302
Tel
201-432-0463
Fax 201-432-9542
www.belfuse.com
EUROPE
Bel Stewart Connector
45/46 Riverside
Medway City Estate
Rochester, Kent ME2 4DP U.K.
Tel 44-1634-722890
Fax 44-1634-716677
www.belfuse.com
FAR EAST
Bel Fuse Ltd.
8F / 8 Luk Hop Street
San Po Kong
Kowloon, Hong Kong
Tel 852-2328-5515
Fax 852-2352-3706
www.belfuse.com
©2003 Bel Fuse Inc. Specifications subject to change without notice. 08.20.03
Page 2
NOTES: DIMENSIONS MM UNLESS OTHERWISE SPECIFIED
ALL TOLERANCES +/- 0.010
0.25
MECHANICAL
T1/E1 Slim Line Hybrids for PMC Sierra
APC822xx
APC822xx
Part Number
PMC Sierra
Chipset
Application
Voltage
Protection
R x T/R
T x T/R
82217
PM4351 / 4354
T1/E1 (Z0 = 100/120 ohm)
3.3V
Longitudinal
2.42
2.42
82218
PM4351 / 4354
E1 (Z0 = 75 ohm)
3.3V
Longitudinal
2.42
2.42
82219
PM4351 / 4354
T1/E1 (Z0 = 100/120 ohm)
3.3V
Metallic
2.42
2.42
82220
PM4351 / 4354
E1 (Z0 = 75 ohm)
3.3V
Metallic
2.42
2.42



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com