Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC04A Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74LVC04A
Description  Hex inverter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC04A Datasheet(HTML) 5 Page - NXP Semiconductors

  74LVC04A Datasheet HTML 1Page - NXP Semiconductors 74LVC04A Datasheet HTML 2Page - NXP Semiconductors 74LVC04A Datasheet HTML 3Page - NXP Semiconductors 74LVC04A Datasheet HTML 4Page - NXP Semiconductors 74LVC04A Datasheet HTML 5Page - NXP Semiconductors 74LVC04A Datasheet HTML 6Page - NXP Semiconductors 74LVC04A Datasheet HTML 7Page - NXP Semiconductors 74LVC04A Datasheet HTML 8Page - NXP Semiconductors 74LVC04A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product specification
74LVC04A
Hex inverter
1997 Jun 30
5
DC CHARACTERISTICS
Over recommended operating conditions voltages are referenced to GND (ground = 0V)
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Temp = -40
°C to +85°C
UNIT
MIN
TYP1
MAX
V
HIGH level Input voltage
VCC = 1.2V
VCC
V
VIH
HIGH level Input voltage
VCC = 2.7 to 3.6V
2.0
V
V
LOW level Input voltage
VCC = 1.2V
GND
V
VIL
LOW level Input voltage
VCC = 2.7 to 3.6V
0.8
V
VCC = 2.7V; VI = VIH or VIL;IO = –12mA
VCC*0.5
VO
HIGH level output voltage
VCC = 3.0V; VI = VIH or VIL;IO = –100µA
VCC*0.2
VCC
V
VOH
HIGH level output voltage
VCC = 3.0V; VI = VIH or VIL; IO = –18mA
VCC*0.6
V
VCC = 3.0V; VI = VIH or VIL; IO = –24mA
VCC*0.8
VCC = 2.7V; VI = VIH or VIL;IO = 12mA
0.40
VOL
LOW level output voltage
VCC = 3.0V; VI = VIH or VIL;IO = 100µA
0.20
V
VCC = 3.0V; VI = VIH or VIL; IO = 24mA
0.55
I
Input leakage current
V
=3 6V; V = 5 5V or GND
"01
"5
µA
II
Input leakage current
VCC = 3.6V; VI = 5.5V or GND
"0.1
"5
µA
ICC
Quiescent supply current
VCC = 3.6V; VI = VCC or GND; IO = 0
0.1
10
µA
∆ICC
Additional quiescent supply current
per input pin
VCC = 2.7V to 3.6V; VI = VCC –0.6V; IO = 0
5
500
µA
NOTES:
1. All typical values are at VCC = 3.3V and Tamb = 25°C.
AC CHARACTERISTICS
GND = 0 V; tr = tf v 2.5 ns; CL = 50 pF
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3V ±0.3V
VCC = 2.7V
VCC = 1.2V
UNIT
MIN
TYP1
MAX
MIN
TYP
MAX
TYP
tPHL/
tPLH
Propagation delay
nA to nY
1
1.5
2.5
4.5
1.5
3.2
5.5
16.0
ns
NOTE:
1. These typical values are at VCC = 3.3V and Tamb = 25°C.
AC WAVEFORMS
VM = 1.5 V at VCC w 2.7 V
VM = 0.5 S VCC at VCC < 2.7 V
VOL and VOH are the typical output voltage drop that occur with the
output load.
VM
nA INPUT
nY OUTPUT
VM
tPLH
tPHL
GND
VI
VOL
VOH
SV00395
Waveform 1. Input (nA) to output (nY) propagation delays.
TEST CIRCUIT
PULSE
GENERATOR
VI
RT
D.U.T.
VO
CL
50pF
S1
2
< VCC
Open
GND
500
Ω
500
Ω
VCC
VI
t 2.7V
VCC
2.7V – 3.6V
2.7V
Test
S1
tPLH/tPHL
Open
VCC
SY00077
Waveform 2. Load circuitry for switching times.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com