Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH05000WAS Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PTH05000WAS
Description  6-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH05000WAS Datasheet(HTML) 3 Page - Texas Instruments

  PTH05000WAS Datasheet HTML 1Page - Texas Instruments PTH05000WAS Datasheet HTML 2Page - Texas Instruments PTH05000WAS Datasheet HTML 3Page - Texas Instruments PTH05000WAS Datasheet HTML 4Page - Texas Instruments PTH05000WAS Datasheet HTML 5Page - Texas Instruments PTH05000WAS Datasheet HTML 6Page - Texas Instruments PTH05000WAS Datasheet HTML 7Page - Texas Instruments PTH05000WAS Datasheet HTML 8Page - Texas Instruments PTH05000WAS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
For technical support and further information visit http://power.ti.com
Environmental & Absolute Maximum Ratings
Characteristics
Symbols
Conditions
Min
Typ
Max
Units
Operating Temperature Range
Ta
Over Vin Range
–40 (i)
—
+85
°C
Solder Reflow Temperature
Treflow
Surface temperature of module body or pins
235 (ii)
°C
Storage Temperature
Ts
—
–40
—
+125
°C
Over Temperature Protection
OTP
IC junction temperature
—
150
—
°C
Mechanical Shock
Per Mil-STD-883D, Method 2002.3
—
500
—
G’s
1 msec, ½ sine, mounted
Mechanical Vibration
Mil-STD-883D, Method 2007.2
—20
—
G’s
20-2000 Hz
Weight
—
—
2
—
grams
Flammability
—
Meets UL 94V-O
Notes:
(i) For operation below 0 °C the external capacitors must have stable characteristics. Use either a low ESR tantalum, Os-con, or ceramic capacitor.
(ii) During reflow of SMD package version do not elevate peak temperature of the module, pins or internal components above the stated maximum.
6-A, 5-V Input Non-Isolated
Wide-Output Adjust Power Module
SLTS201C – MAY 2003 – REVISED DECEMBER 2003
PTH05000W —5-V Input
Electrical Specifications Unless otherwise stated, Ta =25 °C, Vin =5 V, Vo =3.3 V, Cin =330 µF, Cout =0 µF, and Io =Io(max)
PTH05000W
Characteristics
Symbols
Conditions
Min
Typ
Max
Units
Output Current
Io
0.9 V
≤ Vo ≤3.6 V, Ta =25 °C, natural convection
0
—
6
(1)
A
Ta =60 °C, 200LFM
0
—
5.25 (1)
Input Voltage Range
Vin
Over Io range
4.5
—
5.5
V
Set-Point Voltage Tolerance
Vo tol
—
—
±2 (2)
%Vo
Temperature Variation
∆Regtemp
–40 °C <Ta < +85 °C
—
±0.5
—
%Vo
Line Regulation
∆Regline
Over Vin range
—
±5
—
mV
Load Regulation
∆Regload
Over Io range
—
±5
—
mV
Total Output Variation
∆Regtot
Includes set-point, line, load,
—
—
±3 (2)
%Vo
–40 °C
≤ Ta ≤ +85 °C
Efficiency
η
Vin =5 V, Io =4 A
RSET = 475 Ω
Vo = 3.3 V
—
92
—
RSET = 2.32 kΩ Vo = 2.5 V
—
90
—
RSET = 4.87 kΩ Vo = 2.0 V
—
88
—
RSET = 6.65 kΩ Vo = 1.8 V
—
87
—
%
RSET = 11.5 kΩ Vo = 1.5 V
—
84
—
RSET = 26.1 kΩ Vo = 1.2 V
—
82
—
RSET = 84.5 kΩ Vo = 1.0 V
—
79
—
Vo Ripple (pk-pk)Vr
20 MHz bandwidth
Vo ≥3.3 V
—
30
—
mVpp
Vo ≤2.5 V
—
25
—
Transient Response
1 A/µs load step, 50 to 100 % Iomax,
Vo =1.8 V, Cout =100 µF
ttr
Recovery time
—
70
—
µSec
∆Vtr
Vo over/undershoot
—
100
—
mV
Current Limit
Ilim
∆Vo = –50 mV
—
13
—
A
Under-Voltage Lockout
UVLO
Vin increasing
—
3.8
4.3
V
Vin decreasing
3.4
3.5
—
Inhibit Control (pin 3)Referenced to GND
Input High Voltage
VIH
Vin –0.5
—
Open (3)
V
Input Low Voltage
VIL
–0.2
—
0.8
Input Low Current
IIL
Pin 3 to GND
—
–10
—
µA
Standby Input Current
Iin standby
pins 1 & 3 connected
—
1
—
mA
Switching Frequency
ƒs
Over Vin and Io ranges
—
700
—
kHz
External Input Capacitance
Cin
330 (4)
——µF
External Output Capacitance
Cout
Capacitance value
non-ceramic
0
100 (5)
1,000 (6)
µF
ceramic
0
—
300
Equiv. series resistance (non-ceramic)4
(7)
——m
Ω
Reliability
MTBF
Per Bellcore TR-332
28
——106 Hrs
50 % stress, Ta =40 °C, ground benign
Notes: (1) See SOA curves or consult factory for appropriate derating.
(2) The set-point voltage tolerance is affected by the tolerance and stability ofRSET. The stated limit is unconditionally met if RSET has a tolerance of 1 %
with 100 ppm/°C or better temperature stability.
(3) The Inhibit control (pin 3) has an internal pull-up to Vin, and if left open-circuit the module will operate when input power is applied. A small low-
leakage (<100 nA) MOSFET is recommended to control this input. See application notes for more information.
(4) The regulator requires a minimum of 330 µF input capacitor with a minimum 300 mArms ripple current rating. For further information, consult the
related application note on Capacitor Recommendations.
(5) An external output capacitor is not required for basic operation. Adding 100 µF of distributed capacitance at the load will improve the transient response.
(6) This is the calculated maximum. The minimum ESR limitation will often result in a lower value. Consult the application notes for further guidance.
(7) This is the typical ESR for all the electrolytic (non-ceramic) output capacitance. Use 7 m
Ω as the minimum when using max-ESR values to calculate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com