Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC184 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BC184
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BC184 Datasheet(HTML) 1 Page - Continental Device India Limited

  BC184 Datasheet HTML 1Page - Continental Device India Limited BC184 Datasheet HTML 2Page - Continental Device India Limited BC184 Datasheet HTML 3Page - Continental Device India Limited BC184 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Continental Device India Limited
An IS/ISO 9002 and IECQ Certified Manufacturer
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
BC184
BC184B
BC184C
TO-92
Plastic Package
Amplifier Transistors
ABSOLUTE MAXIMUM RATINGS(Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
VALUE
UNITS
Collector -Emitter Voltage
VCEO
30
V
Collector -Base Voltage
VCBO
45
V
Emitter -Base Voltage
VEBO
6V
Collector Current Continuous
IC
100
mA
Power Dissipation @ Ta=25ºC
PD
350
mW
Derate Above 25ºC
2.8
mW/ºC
Power Dissipation @ Tc=25ºC
PD
1W
Derate Above 25ºC
8
mW/ºC
Operating And Storage Junction
Tj, Tstg
-55 to +150
ºC
Temperature Range
THERMAL RESISTANCE
Junction to ambient
Rth(j-a)
357
ºC/W
Junction to case
Rth(j-c)
125
ºC/W
ELECTRICAL CHARACTERISTICS (Ta=25ºC Unless Specified Otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
MIN
TYP
MAX
UNITS
Collector -Emitter Voltage
VCEO
IC=2mA,IB=0
30
V
Collector -Base Voltage
VCBO
IC=10µA.IE=0
45
V
Emitter-Base Voltage
VEBO
IE=100µA, IC=0
6V
Collector-Cut off Current
ICBO
VCB=30V,IE=0
0.2
15
nA
Emitter-Cut off Current
IEBO
VEB=4V, IC=0
15
nA
DC Current Gain
hFE
IC=10µA,VCE=5V
100
BC184
IC=2mA,VCE=5V
240
800
IC=100mA*,VCE=5V
130
Collector Emitter Saturation Voltage
VCE(Sat)
IC=10mA,IB=0.5mA
0.07
0.25
V
IC=100mA,IB=5.0mA*
0.2
0.6
V
Base Emitter Saturation Voltage
VBE(Sat)
IC=100mA,IB=5mA*
1.2
V
Base Emitter On Voltage
VBE(ON)
IC=2mA,VCE=5V
0.55
0.62
0.7
V
IC=100µA,VCE=5V
0.5
V
IC=100mA,VCE=5V*
0.83
V
IS/ISO 9002
Lic# QSC/L- 000019.2
Continental Device India Limited
Data Sheet
Page 1 of 4


Similar Part No. - BC184

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BC184 FAIRCHILD-BC184 Datasheet
356Kb / 6P
AMPLIFIER TRANSISTOR(NPN)
logo
Dc Components
BC184 DCCOM-BC184 Datasheet
215Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
logo
SEMTECH ELECTRONICS LTD...
BC184 SEMTECH_ELEC-BC184 Datasheet
140Kb / 2P
NPN Silicon Epitaxial Planar Transistor
logo
SeCoS Halbleitertechnol...
BC184 SECOS-BC184 Datasheet
221Kb / 2P
NPN Plastic Encapsulated Transistor
logo
SHENZHEN YONGERJIA INDU...
BC184 WINNERJOIN-BC184 Datasheet
126Kb / 1P
TRANSISTOR (NPN)
More results

Similar Description - BC184

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CTN368 CDIL-CTN368 Datasheet
150Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Guangdong Kexin Industr...
2SC4505 KEXIN-2SC4505 Datasheet
51Kb / 2P
NPN Epitaxial Planar Silicon Transistors
2SC4132 KEXIN-2SC4132 Datasheet
49Kb / 1P
NPN Epitaxial Planar Silicon Transistors
logo
SEMTECH ELECTRONICS LTD...
MMBTA14 SEMTECH_ELEC-MMBTA14 Datasheet
129Kb / 2P
NPN Silicon Epitaxial Planar Transistors
BC817W SEMTECH_ELEC-BC817W Datasheet
264Kb / 4P
NPN Silicon Epitaxial Planar Transistors
MPSA13 SEMTECH_ELEC-MPSA13 Datasheet
130Kb / 1P
NPN Silicon Epitaxial Planar Transistors
logo
Rectron Semiconductor
BC546 RECTRON-BC546 Datasheet
93Kb / 3P
NPN Silicon Planar Epitaxial Transistors
logo
Continental Device Indi...
CN652 CDIL-CN652 Datasheet
146Kb / 5P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
MPSA42 CDIL-MPSA42 Datasheet
195Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTORS
MPS8098 CDIL-MPS8098 Datasheet
258Kb / 4P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com