Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DHM5 Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # DHM5
Description  INCREMENTAL IO-LINK ENCODERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

DHM5 Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  DHM5 Datasheet HTML 1Page - Sensata Technologies, Inc. DHM5 Datasheet HTML 2Page - Sensata Technologies, Inc. DHM5 Datasheet HTML 3Page - Sensata Technologies, Inc. DHM5 Datasheet HTML 4Page - Sensata Technologies, Inc. DHM5 Datasheet HTML 5Page - Sensata Technologies, Inc. DHM5 Datasheet HTML 6Page - Sensata Technologies, Inc. DHM5 Datasheet HTML 7Page - Sensata Technologies, Inc. DHM5 Datasheet HTML 8Page - Sensata Technologies, Inc. DHM5 Datasheet HTML 9Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.sensata.com
Page 2
Copyright © 2023 Sensata Technologies Inc.
(1)
RGY outputs are multiplexed, they are in incremental mode or IO-link mode (default startup mode is incremental)
(2)
RGZ have Incremental and IO-link outputs working simulaneously
Ver.
Mode
Output
Signals
Operating
Voltage
Supply
current
(no loads)
Current per
channel
pair
Short-
circuit
proof
Reverse
polarity
tolerant
Frequency
Capability
Resolution Temperature
range
RGY
RGZ
Incremental programmable
(HTL or TTL)
4,75V to
30V
< 75mA
< 40mA
Yes
Yes
Up to 1MHz
programmable
(1 to 10kppr)
-40°C to +85°C
IO-Link
IO-Link
18V to 30V
IO-link COM3
(230,4 kbits/s)
programmable
(1 to 16bits)
Electrical
Environmental
Shocks (EN 60068-2-27)
≤ 500 m.s-2 (during 6 ms)
Vibrations (EN 60068-2-6)
≤ 200 m.s-2 (10…2 000Hz))
EMC
EN 61000-6-2, EN 61000-6-4
Isolation
1 000V eff
Operating Temperature
-40 ... + 85°C (encoder T°)
Storage Temperature
-40 ... + 85°C
Protection (EN 60529)
IP 65
Humidity
98% RH non-condensing at 20 °C
IO-LINK features
Process data
• Position : single turn 16 bits max
• Speed : calculated speed in rpm (signed)
Programmable Parameters
• Direction : clockwise or counter-clockwise, changes counting direction and speed sign.
• Set Zero Pulse command : Set the current position as the incremental zero pulse position. Set also the absolute position to zero.
For incremental mode :
• Incremental resolution : number of cycles per turn : from 1 to 10000
• Output voltage level : HTL or TTL
• Zero pulse width : 90°, 180° 270° or 360° (See figure for details)
Absolute parameters (in IO-Link mode) :
• Resolution per turn: 1 to 16 bits
• Speed window calculation : time between each speed data update.
Diagnostics
• Operating Hours : number of hours since factory reset
• Temperature : event triggers when temperature exceeds specifications
• Device Status : Access to the status of the encoder
This encoder series offers an incremental encoder augmented by IO-Link configurability and diagnostics capabilities. There are two different
implementations:
• Incremental encoder and IO-link on a dedicated wire (RGZ electronics)
• Incremental encoder with IO-link multiplexed on Z wire, in this case when working in a mode, the other one is disabled (RGY electronics)
Table 1 : Z pulse width definition



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com