Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP2102 Datasheet(PDF) 21 Page - Silicon Laboratories

Part # CP2102
Description  SINGLE-CHIP USB-TO-UART BRIDGE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2102 Datasheet(HTML) 21 Page - Silicon Laboratories

Back Button CP2102 Datasheet HTML 17Page - Silicon Laboratories CP2102 Datasheet HTML 18Page - Silicon Laboratories CP2102 Datasheet HTML 19Page - Silicon Laboratories CP2102 Datasheet HTML 20Page - Silicon Laboratories CP2102 Datasheet HTML 21Page - Silicon Laboratories CP2102 Datasheet HTML 22Page - Silicon Laboratories CP2102 Datasheet HTML 23Page - Silicon Laboratories CP2102 Datasheet HTML 24Page - Silicon Laboratories CP2102 Datasheet HTML 25Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
CP2102/9
Rev. 1.8
21
Figure 9. CP2102 Configuration 3: USB Self-Powered, Regulator Bypassed
Figure 10. CP2109 Configuration 3: USB Self-Powered, Regulator Bypassed
4.7
F
0.1
F
Voltage Regulator (REG0)
5 V In
3 V Out
VBUS Sense
REGIN
VBUS
From 3 V
Power Net
Device
Power Net
VDD
CP2102
From VBUS
1.0
F
0.1
F
4.7
F
0.1
F
Voltage Regulator (REG0)
5 V In
3 V Out
VBUS Sense
REGIN
VBUS
From 3 V
Power Net
Device
Power Net
VDD
CP2109
1.0
F
0.1
F
From VBUS
47 k
24 k
Note 1
(Optional)
Note 1 : For self-powered systems where VDD or REGIN may be unpowered when VBUS is
connected to 5 V, a resistor divider (or functionally-equivalent circuit) on VBUS is required
to meet the absolute maximum voltage on VBUS specification in the Electrical
Characteristics section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com