Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APC77115 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # APC77115
Description  ISDN/Smartphone Splitter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

APC77115 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  APC77115 Datasheet HTML 1Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2003 Bel Fuse Inc. Specifications subject to change without notice. 05.20.03
Page 1
ISDN/Smartphone Splitter
APC77115
SCHEMATIC
ELECTRICAL SPECIFICATIONS@25°C
OPERATING TEMPERATURE -40°C TO +85°C
SUGGESTEDP ADLA YOUT
0.998
25,37
0.100
2,54
0.100
2,54
0.143
3,65
0.290
7,37
0.050
1,27
0.120
3,05
0.010
0,25
0.760
19,30
0.700
17,78
0.700
0.300
17,78
7,62
0.580
14,73
0
°-8°
0.539
13,95
0.720
18,29
0.018
0,46
TYP
TYP
TYP
0.004/0,10
12SURF ACES
TYP
TYP
TYP
TYP
MAX
1
8
9
16
MECHANICAL
POTS/ISDN/SMARTPHONE
DATA
Description
Passband
Frequency
Insertion Loss
max
Return Loss
min
Stopband
Frequency
Attenuation
min
Impedance
ISDN/
Smartphone
Splitter LPF
DC to 660kHz
0.8 dB
15 dB
900kHz to
7.9 MHz
50 dB
150 Ω
NOTES:
DIMENSIONS INCHES UNLESS OTHERWISE SPECIFIED
ALL TOLERANCES +/- 0.010
MM
0.25


Similar Part No. - APC77115

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
APC77116 BEL-APC77116 Datasheet
99Kb / 1P
Integrated CPE VDSL Filter/Hybrid Solution - (Smartphone Applications)
APC77118 BEL-APC77118 Datasheet
97Kb / 1P
Integrated CO VDSL Filter/Hybrid Solution - (Smartphone Applications)
More results

Similar Description - APC77115

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF4015 XFMRS-XF4015 Datasheet
35Kb / 1P
ISDN/POTS SPLITTER
logo
Bothhand USA, LP.
DT-7006 BOTHHAND-DT-7006 Datasheet
372Kb / 1P
ISDN SPLITTER
DT-7010A BOTHHAND-DT-7010A Datasheet
310Kb / 1P
ISDN SPLITTER
VD-7010A BOTHHAND-VD-7010A Datasheet
323Kb / 1P
ISDN SPLITTER
VD-7010B BOTHHAND-VD-7010B Datasheet
259Kb / 1P
ISDN SPLITTER
VD-7010 BOTHHAND-VD-7010 Datasheet
110Kb / 1P
ISDN SPLITTER
VD-7015K BOTHHAND-VD-7015K Datasheet
321Kb / 1P
ISDN SPLITTER
VD-7015 BOTHHAND-VD-7015 Datasheet
54Kb / 1P
ISDN SPLITTER
VD-7023 BOTHHAND-VD-7023 Datasheet
103Kb / 1P
ISDN SPLITTER
VD-7064 BOTHHAND-VD-7064 Datasheet
317Kb / 1P
ISDN SPLITTER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com