Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M25P20-VMP6TP/X Datasheet(PDF) 6 Page - STMicroelectronics

Part # M25P20-VMP6TP/X
Description  2 Mbit, Low Voltage, Serial Flash Memory With 40MHz SPI Bus Interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P20-VMP6TP/X Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M25P20-VMP6TP/X Datasheet HTML 2Page - STMicroelectronics M25P20-VMP6TP/X Datasheet HTML 3Page - STMicroelectronics M25P20-VMP6TP/X Datasheet HTML 4Page - STMicroelectronics M25P20-VMP6TP/X Datasheet HTML 5Page - STMicroelectronics M25P20-VMP6TP/X Datasheet HTML 6Page - STMicroelectronics M25P20-VMP6TP/X Datasheet HTML 7Page - STMicroelectronics M25P20-VMP6TP/X Datasheet HTML 8Page - STMicroelectronics M25P20-VMP6TP/X Datasheet HTML 9Page - STMicroelectronics M25P20-VMP6TP/X Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
Summary description
M25P20
6/50
1
Summary description
The M25P20 is a 2 Mbit (256K x 8) Serial Flash Memory, with advanced write protection
mechanisms, accessed by a high speed SPI-compatible bus.
The memory can be programmed 1 to 256 bytes at a time, using the Page Program
instruction.
The memory is organized as 4 sectors, each containing 256 pages. Each page is 256 bytes
wide. Thus, the whole memory can be viewed as consisting of 1024 pages, or 262,144
bytes.
The whole memory can be erased using the Bulk Erase instruction, or a sector at a time,
using the Sector Erase instruction.
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages.
ECOPACK® packages are Lead-free and RoHS compliant.
ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.
Figure 1.
Logic Diagram
Figure 2.
SO and VFQFPN Connections
1.
There is an exposed die paddle on the underside of the MLP8 package. This is pulled, internally, to VSS,
and must not be allowed to be connected to any other voltage or signal line on the PCB.
2.
See Package mechanical section for package dimensions, and how to identify pin-1.
AI04080
S
VCC
M25P20
HOLD
VSS
W
Q
C
D
1
AI04081B
2
3
4
8
7
6
5
D
VSS
C
HOLD
Q
SVCC
W
M25P20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com