Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29W160DB Datasheet(PDF) 3 Page - STMicroelectronics

Part # M29W160DB
Description  16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W160DB Datasheet(HTML) 3 Page - STMicroelectronics

  M29W160DB Datasheet HTML 1Page - STMicroelectronics M29W160DB Datasheet HTML 2Page - STMicroelectronics M29W160DB Datasheet HTML 3Page - STMicroelectronics M29W160DB Datasheet HTML 4Page - STMicroelectronics M29W160DB Datasheet HTML 5Page - STMicroelectronics M29W160DB Datasheet HTML 6Page - STMicroelectronics M29W160DB Datasheet HTML 7Page - STMicroelectronics M29W160DB Datasheet HTML 8Page - STMicroelectronics M29W160DB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
3/29
M29W160DT, M29W160DB
Erase Suspend Command. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .... .... .. . . . . . . . . .... . 12
Erase Resume Command. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .... . ... .. .13
Security Data Command. . . . . . . . . . . . . . . . . ... . . . . ... .. ... .. .. ... .. . ... .. . . ... . . . . . 13
Table 6. Security Memory Block Addresses . . . . . . .... . ... .. . . ... .. . . . . . . ... .. . . ... ... 13
Table 7. Commands, 16-bit mode, BYTE = VIH .. . . . . . . . . . ... .. .. ... .. . ... .. . . ... .. ... 14
Table 8. Commands, 8-bit mode, BYTE = VIL. . . . .... . ... .. .. .. .... . . . ... . . . . . . . . . . . . . 15
Table 9. Program, Erase Times and Program, Erase Endurance Cycles . . . . . . . . . . . . . . . . . . . . 16
STATUS REGISTER . . . . . . . . . . . . . .... . ... .. . . ... ... . ... .. . . ... .. . .... . ... .. .. ... ... 16
Data Polling Bit (DQ7). . . . . .... . . .. .. .. .. . . . . . . . . . . . . . ... . . . . . . . . . ... .. .. ... .. . ..16
Toggle Bit (DQ6).. . . . . . .... .. . .... . ... .. . . . . . ... . ... .. . . ... .. . .... . ... .. . . ... ... 16
Error Bit (DQ5). . . .... . . . .... . ... .. . . ... .. . .... . ... .. .. .. .... . . . ... . . . . . . . . .... . 16
Erase Timer Bit (DQ3). . . . . . . . . . . . . . . . . . . . . . . . . . . . . .... . ... ... . . . . . . . . ... .. .. ... . 17
Alternative Toggle Bit (DQ2).. . . .... .. . . . . . . . . .... . ... .. .. .. . .... ... . . . . . . . . . . . . . . . 17
Table 10. Status Register Bits . . . . . . . . . . . . . . . . . . .... ... . ... . . .. .. .. .. . . . . . . ... . .... 17
Figure 6. Data Polling Flowchart . .... . ... ... . . . .... . . . . .. . . . . . . . . . . . . . ... .. . . . . .... 18
Figure 7. Data Toggle Flowchart . . . . . . . . . . . ... .. ... .. .. . . . . . . . ... .. .. .... . . ... .. ... 18
MAXIMUM RATING. . . . . . . . . . . . . . . . . . . . . . . . ... . . . . ... .. ... .. .. ... .. . ... .. . . ... . . . . . 18
Absolute Maximum Ratings. . . . . . . . . . . . . . . . . . . . . . . . . .... .... ... . . . . . . . . ... .. . . ... . 18
DC and AC PARAMETERS . . . . . . . . . . . . . . . . . . . . . . . . . . . .... . . . .... .... .. . .... .. . .... . 19
Operating and AC Measurement Conditions. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
AC Measurement I/O Waveform . .... . ... .. . . ... ... . ... .. . . ... .. . . ... . ... .. .. ... ... 19
AC Measurement Load Circuit . . .... . ... .. . . . . .... .... .. . . . . . . . . . . . . . ... .. . . . . .... 19
Capacitance. . . . . . . . . . . . .... . . . . .. . . . . . . . . . . . . . ... ... . . . . . . . . . . . . ... .. . . . . . . . . . 19
DC Characteristics. . . . . . . . . . . . . . . . . . . .... . ... .. .. .. . . . . . . . . . . . . ... . . . .... . ... .. .20
Read Mode AC Waveforms. .... . . .. .. .. .. . . . . . . . . . . .. . ... . . . . . . . . . ... .. .. ... .. . ..21
Read AC Characteristics .... .. . .... . ... .. . . ... ... . ... .. . . ... .. . .... . ... .. .. ... ... 21
Write AC Waveforms, Write Enable Controlled. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ... .. ... 22
Write AC Characteristics, Write Enable Controlled . . .... ... . . . ... .. .. .. .. . . . . . . ... . .... 22
Write AC Waveforms, Chip Enable Controlled . . . . .... . . . . .. . . . . . . . . . . . . . ... .. . . . . .... 23
Write AC Characteristics, Chip Enable Controlled . . . . . . . . . . . . . . .... . . . ... . . . . . . . . .... . 23
Reset/Block Temporary Unprotect AC Waveforms . . . . . . . . . . . . . . . . . . . . . . . .... . . ... .. ... 24
Reset/Block Temporary Unprotect AC Characteristics . . . . . . . . . . . . . . . . .... . ... .. . . ... ... 24
PACKAGE MECHANICAL . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
TSOP48 - 48 lead Plastic Thin Small Outline, 12 x 20mm, Package Outline . . . . . . .... . ... ... 25
TSOP48 - 48 lead Plastic Thin Small Outline, 12 x 20mm, Package Mechanical Data . . . . . . . . . 25
SO44 - 44 lead Plastic Small Outline, 525 mils body width, Package Outline . . . . . . . . . . . . .... 26
LFBGA48 - 8 x 6 balls, 0.80 mm pitch, Bottom View Package Outline .... ... . . . . . . . . . . . . . . . 27
LFBGA48 - 8 x 6 balls, 0.80mm pitch, Package Mechanical Data . . . .... ... . . . . . . . . . . . . . . . 27
PART NUMBERING . . . . . . . . . .... . . .. .. .. .. . . . . . . . . . . . . . ... . . . . . . . . . ... .. .. ... .. . ..28
Ordering Information Scheme . . . . . . . . . . . . . . . . . .... . . . ... . . . . . . . . . . . . . ... ... . . . .... 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com