Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC3570 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC3570
Description  SILICON POWER TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC3570 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC3570 Datasheet HTML 1Page - Renesas Technology Corp 2SC3570 Datasheet HTML 2Page - Renesas Technology Corp 2SC3570 Datasheet HTML 3Page - Renesas Technology Corp 2SC3570 Datasheet HTML 4Page - Renesas Technology Corp 2SC3570 Datasheet HTML 5Page - Renesas Technology Corp 2SC3570 Datasheet HTML 6Page - Renesas Technology Corp 2SC3570 Datasheet HTML 7Page - Renesas Technology Corp 2SC3570 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
1998
©
Document No. D16188EJ1V0DS00
Date Published April 2002 N CP(K)
Printed in Japan
SILICON POWER TRANSISTOR
2SC3570
NPN
SILICON TRIPLE DIFFUSED TRANSISTOR
FOR HIGH
-VOLTAGE HIGH-SPEED SWITCHING
DATA SHEET
2002
The 2SC3570 is a mold power transistor developed for high-
voltage high-speed switching, and is ideal for use in drivers such as
switching regulators, DC/DC converters, and high-frequency power
amplifiers.
FEATURES
• Mold package that does not require an insulating board or
insulation bushing
• Low collector saturation voltage:
VCE(sat) = 1.0 V MAX. (@ 2 A)
• Fast switching speed:
tf
≤ 0.7
µs MAX. (@ 2 A)
• Wide base reverse-bias SOA:
VCEX(SUS) = 450 V MIN. (@ 2 A)
ABSOLUTE MAXIMUM RATINGS (Ta = 25
°°°°C)
Parameter
Symbol
Ratings
Unit
Collector to base voltage
VCBO
500
V
Collector to emitter voltage
VCEO
400
V
Emitter to base voltage
VEBO
8.0
V
Collector current (DC)
IC(DC)
5.0
A
Collector current (pulse)
IC(pulse)*10
A
Base current (DC)
IB(DC)
2.5
A
Total power dissipation
PT (Tc = 25
°C)
25
W
Total power dissipation
PT (Ta = 25
°C)
2.0
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
*PW
≤ 300
µs, duty cycle ≤ 10%
PACKAGE DRAWING (UNIT: mm)
Electrode Connection
1. Base
2. Collector
3. Emitter



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com