Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4184 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SC4184
Description  SILICON TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4184 Datasheet(HTML) 6 Page - Renesas Technology Corp

  2SC4184 Datasheet HTML 1Page - Renesas Technology Corp 2SC4184 Datasheet HTML 2Page - Renesas Technology Corp 2SC4184 Datasheet HTML 3Page - Renesas Technology Corp 2SC4184 Datasheet HTML 4Page - Renesas Technology Corp 2SC4184 Datasheet HTML 5Page - Renesas Technology Corp 2SC4184 Datasheet HTML 6Page - Renesas Technology Corp 2SC4184 Datasheet HTML 7Page - Renesas Technology Corp 2SC4184 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2SC4184
4
VCE = 5 V, IC = 3 mA
Frequency
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.787
–43.0
8.019
143.8
0.035
70.1
0.923
–12.5
200.00
0.606
–72.3
6.026
121.4
0.051
60.3
0.810
–16.8
300.00
0.465
–93.7
4.568
105.8
0.065
54.3
0.729
–19.4
400.00
0.389
–109.3
3.640
97.1
0.073
56.6
0.695
–18.9
500.00
0.345
–122.8
3.081
89.6
0.080
55.6
0.656
–18.8
600.00
0.320
–136.0
2.658
84.8
0.091
58.7
0.656
–19.4
700.00
0.302
–147.7
2.367
77.6
0.099
58.1
0.647
–19.6
800.00
0.294
–157.5
2.144
73.1
0.112
59.3
0.653
–22.0
900.00
0.291
–165.6
1.897
67.7
0.119
61.4
0.653
–23.7
1000.00
0.301
–173.4
1.743
63.4
0.130
60.8
0.641
–27.4
1100.00
0.313
178.4
1.610
60.2
0.139
62.8
0.633
–29.9
1200.00
0.319
170.0
1.520
55.3
0.149
62.3
0.612
–32.4
1300.00
0.320
164.0
1.447
51.3
0.164
62.4
0.599
–34.4
1400.00
0.324
159.7
1.326
47.2
0.168
62.6
0.587
–36.3
1500.00
0.343
155.9
1.244
42.4
0.181
61.8
0.586
–38.3
1600.00
0.363
151.9
1.172
41.6
0.187
64.8
0.581
–41.1
1700.00
0.379
146.5
1.100
38.9
0.200
64.2
0.579
–44.7
1800.00
0.396
142.2
1.095
37.0
0.216
65.9
0.568
–48.3
1900.00
0.406
138.7
1.054
34.0
0.233
65.1
0.560
–51.7
2000.00
0.421
135.5
1.043
29.1
0.250
63.0
0.547
–55.3
VCE = 5 V, IC = 10 mA
Frequency
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.487
–77.7
13.538
122.2
0.024
64.1
0.785
–16.2
200.00
0.346
–113.2
8.008
101.9
0.035
63.2
0.681
–14.7
300.00
0.290
–134.4
5.559
90.9
0.048
63.6
0.638
–14.8
400.00
0.275
–148.3
4.216
84.6
0.057
67.6
0.626
–14.1
500.00
0.275
–158.7
3.396
78.8
0.067
68.0
0.606
–14.1
600.00
0.280
–168.6
2.974
76.0
0.080
70.5
0.613
–15.0
700.00
0.284
–176.9
2.610
70.2
0.090
69.6
0.612
–15.5
800.00
0.291
177.1
2.347
66.4
0.104
70.0
0.620
–17.9
900.00
0.302
172.6
2.065
62.0
0.112
71.2
0.625
–20.1
1000.00
0.324
167.8
1.884
58.2
0.124
69.8
0.616
–23.9
1100.00
0.346
162.2
1.734
55.5
0.134
71.3
0.608
–26.5
1200.00
0.358
155.4
1.630
51.2
0.143
70.7
0.590
–29.1
1300.00
0.364
150.7
1.548
47.3
0.159
71.0
0.579
–31.1
1400.00
0.369
147.6
1.410
43.7
0.165
71.1
0.568
–33.0
1500.00
0.389
144.8
1.320
38.9
0.179
70.0
0.569
–35.2
1600.00
0.408
142.0
1.236
38.5
0.189
72.6
0.564
–38.1
1700.00
0.427
137.5
1.153
35.9
0.203
71.5
0.563
–41.8
1800.00
0.445
134.0
1.147
34.3
0.222
73.1
0.553
–45.6
1900.00
0.455
131.1
1.102
31.7
0.238
71.7
0.545
–49.1
2000.00
0.470
128.3
1.089
26.5
0.258
69.2
0.533
–52.9



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com