Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4569 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 2SC4569
Description  SILICON TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4569 Datasheet(HTML) 5 Page - Renesas Technology Corp

  2SC4569 Datasheet HTML 1Page - Renesas Technology Corp 2SC4569 Datasheet HTML 2Page - Renesas Technology Corp 2SC4569 Datasheet HTML 3Page - Renesas Technology Corp 2SC4569 Datasheet HTML 4Page - Renesas Technology Corp 2SC4569 Datasheet HTML 5Page - Renesas Technology Corp 2SC4569 Datasheet HTML 6Page - Renesas Technology Corp 2SC4569 Datasheet HTML 7Page - Renesas Technology Corp 2SC4569 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Data Sheet PU10036EJ01V0DS
3
2SC4569
S-PARAMETER
VCE = 5 V, IC = 1 mA
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
200.00
300.00
400.00
500.00
600.00
700.00
800.00
900.00
1000.00
0.958
0.917
0.855
0.799
0.739
0.693
0.647
0.607
0.583
0.559
−18.7
−36.4
−53.0
−67.5
−81.5
−93.5
−104.2
−113.9
−123.7
−132.5
3.299
3.151
2.926
2.685
2.462
2.256
2.072
1.889
1.760
1.615
164.6
150.4
137.5
126.2
116.1
107.3
99.9
92.4
86.5
79.8
0.038
0.072
0.100
0.118
0.134
0.142
0.148
0.152
0.154
0.155
77.8
68.2
59.7
51.7
45.8
41.1
37.6
35.2
33.4
31.7
0.973
0.944
0.899
0.850
0.806
0.778
0.743
0.716
0.702
0.688
−7.8
−14.5
−20.6
−25.9
−29.7
−33.0
−35.9
−39.0
−40.6
−43.4
VCE = 5 V, IC = 3 mA
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
200.00
300.00
400.00
500.00
600.00
700.00
800.00
900.00
1000.00
0.860
0.754
0.648
0.562
0.506
0.462
0.429
0.400
0.390
0.378
−29.5
−55.1
−75.6
−91.9
−106.5
−118.1
−127.8
−137.4
−144.7
−153.3
9.203
7.982
6.693
5.623
4.796
4.188
3.695
3.278
2.984
2.711
156.2
137.3
122.6
111.9
103.1
95.9
90.3
84.5
79.9
75.0
0.035
0.062
0.078
0.090
0.099
0.106
0.112
0.119
0.127
0.133
74.7
61.5
55.1
51.0
48.9
48.2
48.7
48.1
49.2
49.8
0.932
0.826
0.723
0.641
0.583
0.547
0.514
0.492
0.478
0.467
−14.9
−25.6
−32.3
−36.7
−39.1
−41.0
−42.2
−44.3
−45.2
−47.2
VCE = 5 V, IC = 5 mA
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
200.00
300.00
400.00
500.00
600.00
700.00
800.00
900.00
1000.00
0.769
0.630
0.513
0.442
0.399
0.368
0.345
0.329
0.323
0.316
−38.2
−68.1
−89.7
−106.3
−120.6
−131.7
−140.4
−149.4
−156.7
−163.7
13.666
10.889
8.545
6.888
5.752
4.940
4.300
3.801
3.434
3.112
149.3
128.6
114.5
104.9
97.1
91.0
86.2
81.3
77.3
72.8
0.032
0.054
0.067
0.076
0.086
0.094
0.104
0.113
0.123
0.133
70.4
60.9
55.6
54.2
54.8
54.5
55.8
56.3
56.7
56.8
0.885
0.728
0.606
0.528
0.495
0.446
0.420
0.401
0.390
0.384
−20.1
−32.1
−37.7
−40.6
−42.0
−42.9
−43.9
−45.3
−45.8
−47.4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com