Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4956 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC4956
Description  SILICON TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4956 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC4956 Datasheet HTML 1Page - Renesas Technology Corp 2SC4956 Datasheet HTML 2Page - Renesas Technology Corp 2SC4956 Datasheet HTML 3Page - Renesas Technology Corp 2SC4956 Datasheet HTML 4Page - Renesas Technology Corp 2SC4956 Datasheet HTML 5Page - Renesas Technology Corp 2SC4956 Datasheet HTML 6Page - Renesas Technology Corp 2SC4956 Datasheet HTML 7Page - Renesas Technology Corp 2SC4956 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
The information in this document is subject to change without notice.
SILICON TRANSISTOR
2SC4956
HIGH FREQUENCY LOW NOISE AMPLIFIER
NPN SILICON EPITAXIAL TRANSISTOR
4 PINS MINI MOLD
FEATURES
•
Low Noise, High Gain
•
Low Voltage Operation
•
Low Feedback Capacitance
Cre = 0.20 pF TYP.
ORDERING INFORMATION
PART
QUANTITY
PACKING STYLE
NUMBER
2SC4956-T1
3 Kpcs/Reel.
Embossed tape 8 mm wide.
Pin3 (Base), Pin4 (Emitter) face to perforation
side of the tape.
2SC4956-T2
3 Kpcs/Reel.
Embossed tape 8 mm wide.
Pin1 (Collector), Pin2 (Emitter) face to perfora-
tion side of the tape.
*
Please contact with responsible NEC person, if you require evaluation
sample. Unit sample quantity shall be 50 pcs. (Part No.: 2SC4956)
ABSOLUTE MAXIMUM RATINGS (TA = 25 ˚C)
Collector to Base Voltage
VCBO
9V
Collector to Emitter Voltage
VCEO
6V
Emitter to Base Voltage
VEBO
2V
Collector Current
IC
10
mA
Total Power Dissipation
PT
60
mW
Junction Temperature
Tj
150
˚C
Storage Temperature
Tstg
–65 to +150
˚C
©
1993
DATA SHEET
2.8 –0.3
+0.2
1.5 –0.1
+0.2
5˚
5˚
5˚
5˚
PACKAGE DIMENSIONS
in millimeters
PIN CONNECTIONS
1.
2.
3.
4.
Collector
Emitter
Base
Emitter
Caution; Electrostatic Sensitive Device.
Document No. P10378EJ2V0DS00 (2nd edition)
(Previous No. TD-2407)
Date Published July 1995 P
Printed in Japan



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com