Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5004 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC5004
Description  SILICON TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5004 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC5004 Datasheet HTML 1Page - Renesas Technology Corp 2SC5004 Datasheet HTML 2Page - Renesas Technology Corp 2SC5004 Datasheet HTML 3Page - Renesas Technology Corp 2SC5004 Datasheet HTML 4Page - Renesas Technology Corp 2SC5004 Datasheet HTML 5Page - Renesas Technology Corp 2SC5004 Datasheet HTML 6Page - Renesas Technology Corp 2SC5004 Datasheet HTML 7Page - Renesas Technology Corp 2SC5004 Datasheet HTML 8Page - Renesas Technology Corp 2SC5004 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
©
1992
DATA SHEET
SILICON TRANSISTOR
2SC5004
PACKAGE DIMENSIONS
in millimeters
PIN CONNECTIONS
1. Emitter
2. Base
3. Collector
NPN SILICON EPITAXIAL TRANSISTOR
3 PINS ULTRA SUPER MINI MOLD
Document No. P10383EJ2V0DS00 (2nd edition)
(Previous No. TD-2428)
Date Published July 1995 P
Printed in Japan
1995
1.6 ± 0.1
0.8 ± 0.1
2
1
3
DESCRIPTION
The 2SC5004 is a low supply voltage transistor designed for UHF
OSC/MIX.
It is suitable for a high density surface mount assembly since the
transistor has been applied ultra super mini mold package.
FEATURES
• High fT : 5.0 GHz TYP. (@ VCE = 5 V, IC = 5 mA, f = 1 GHz)
• Low Cre : 0.9 pF TYP. (@ VCB = 5 V, IE = 0, f = 1 MHz)
• Ultra Super Mini Mold Package. (1.6 mm
× 0.8 mm)
ORDERING INFORMATION
QUANTITY
PACKING STYLE
Embossed tape 8 mm wide.
Pin 3 (Collector) face to
perforation side of the tape.
PART NUMBER
2SC5004
50 pcs./unit
2SC5004 – T1
3 kpcs./Reel
* Please contact with responsible NEC person, if you require evaluation
sample. Unit sample quantity shall be 50 pcs.
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
Collector to Base Voltage
VCBO
20
V
Collector to Emitter Voltage
VCEO
12
V
Emitter to Base Voltage
VEBO
3V
Collector Current
IC
60
mA
Total Power Dissipation
PT
100
mW
Junction Temperature
Tj
125
°C
Storage Temperature
Tstg
–55 to +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com