Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LVC14A Datasheet(PDF) 5 Page - NXP Semiconductors

Part # LVC14A
Description  Hex inverting Schmitt-trigger with 5V tolerant input
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LVC14A Datasheet(HTML) 5 Page - NXP Semiconductors

  LVC14A Datasheet HTML 1Page - NXP Semiconductors LVC14A Datasheet HTML 2Page - NXP Semiconductors LVC14A Datasheet HTML 3Page - NXP Semiconductors LVC14A Datasheet HTML 4Page - NXP Semiconductors LVC14A Datasheet HTML 5Page - NXP Semiconductors LVC14A Datasheet HTML 6Page - NXP Semiconductors LVC14A Datasheet HTML 7Page - NXP Semiconductors LVC14A Datasheet HTML 8Page - NXP Semiconductors LVC14A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product specification
74LVC14A
Hex inverting Schmitt-trigger with 5V
tolerant input
1998 Apr 28
5
TRANSFER CHARACTERISTICS
Voltages are referenced to GND (ground = 0 V).
Tamb (°C)
TEST CONDITIONS
SYMBOL
PARAMETER
–40 TO +85
UNIT
VCC
WAVEFORMS
MIN
TYP1
MAX
CC
(V)
WAVEFORMS
P
iti
i
–
–
1.2
1.2
VT+
Positive-going
threshold
1.1
–
2.0
V
2.7
Figures 1 and 2
threshold
1.1
–
2.0
2.7 to 3.6
Nti
i
0
–
–
1.2
VT–
Negative-going
threshold
0.8
–
1.5
V
2.7
Figures 1 and 2
threshold
0.8
–
1.5
2.7 to 3.6
Ht
i
–
–
–
1.2
VH
Hysteresis
(VT+ – VT )
0.3
0.4
–
V
2.7
Figures 1, 2 and 3
(VT+
VT-)
0.3
0.45*
–
2.7 to 3.6
NOTES:
1. All typical values are measured at Tamb = 25°C
2. The VIH and VIL from the DC family characteristics are superseded by the VT+ and VT-.
TRANSFER CHARACTERISTIC WAVEFORMS
SV00427
VH
VT+
VT–
VO
VI
Figure 1. Transfer characteristic.
SV00428
V
H
VT–
VT+
VO
VI
Figure 2. Definition of VT), VT- and VH;
where VT+ and VT- are between limits of 20% and 70%
0
0
1
2
3
4
5
I
CC
(mA)
0.6
1.8
1.2
2.4
V
in
(V)
3.0
SV00444
Figure 3. Typical 74LVC14 transfer characteristics; VCC = 3.3 V.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com