Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS40W Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # BAS40W
Description  General-purpose Schottky diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS40W Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  BAS40W Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS40W Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS40W Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS40W Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS40W Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS40W Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS40W Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS40W Datasheet HTML 8Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Nexperia
BAS40W
General-purpose Schottky diode
mlc364
1
103
10- 1
102
1
10
102
10
rdif
(Ω)
IF (mA)
f = 10 kHz
Fig. 3. Differential resistance as a function of forward
current; typical values
0
10
20
40
30
5
0
4
mlc363
3
2
1
VR (V)
Cd
(pF)
f = 1 MHz; Tamb = 25 °C
Fig. 4. Diode capacitance as a function of reverse
voltage; typical values
11. Test information
Quality information
This product has been qualified in accordance with the Automotive Electronics Council (AEC)
standard Q101 - Stress test qualification for discrete semiconductors, and is suitable for use in
automotive applications.
12. Package outline
04-11-04
Dimensions in mm
0.45
0.15
1.1
0.8
2.2
1.8
2.2
2.0
1.35
1.15
1.3
0.4
0.3
0.25
0.10
1
2
3
Fig. 5. Package outline SC-70 (SOT323)
BAS40W
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
2 March 2023
4 / 8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com