Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APC82235 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # APC82235
Description  Slim Line Hybrid for Dallas E1
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

APC82235 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  APC82235 Datasheet HTML 1Page - Bel Fuse Inc. APC82235 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2003 Bel Fuse Inc. Specifications subject to change without notice. 09.23.03
Page 1
CORPORATE
Bel Fuse Inc.
206 Van Vorst Street
Jersey City, NJ 07302
Tel
201-432-0463
Fax 201-432-9542
www.belfuse.com
EUROPE
Bel Stewart Connector
45/46 Riverside
Medway City Estate
Rochester, Kent ME2 4DP U.K.
Tel 44-1634-722890
Fax 44-1634-716677
www.belfuse.com
FAR EAST
Bel Fuse Ltd.
8F / 8 Luk Hop Street
San Po Kong
Kowloon, Hong Kong
Tel 852-2328-5515
Fax 852-2352-3706
www.belfuse.com
©2003 Bel Fuse Inc. Specifications subject to change without notice. 09.23.03
Page 2
“Slim Line” Hybrid for Dallas E1
APC82235
SCHEMATIC
FEATURES
•
Supports Dallas chipset for E1 applications DS2155/Q55 LIU 3.3V IC 120
Ω impedance
•
Minimum board space requirement - ideal for multiple interface line cards
•
Longitudinal protection circuit designed to meet FCC part 68 as well as Telcordia GR1089 for 1st level and 2nd level
lighting and 1st level power line cross events
•
Approval for safety standards to IEC60950, BS EN60950 supplementary isolation 1500V, working voltage 250V
•
“Slim Line” E1 hybrids have been designed to minimize the board space requirements for line interface circuitry on the
E1 multichannel line cards
NOTES: TYPICAL SCHEMATIC (SELV COMPONENTS WILL VARY SUBJECT TO APPLICATION)
1
2
5
3
4
RX
6
8
10 GND
9
TX
11
7 VCC


Similar Part No. - APC82235

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
APC82237-I BEL-APC82237-I Datasheet
192Kb / 2P
Slim Line Hybrids for Infineon T1/E1/J1 ICs
APC82238 BEL-APC82238 Datasheet
119Kb / 2P
Slim Line Hybrid for Infineon T1/E1/J1 ICs
APC82238-I BEL-APC82238-I Datasheet
192Kb / 2P
Slim Line Hybrids for Infineon T1/E1/J1 ICs
More results

Similar Description - APC82235

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GDX GOLLEDGE-GDX Datasheet
60Kb / 1P
Crystals for Dallas Semiconductors
logo
Bel Fuse Inc.
0803-6500-01 BEL-0803-6500-01 Datasheet
79Kb / 2P
Slim Line Hybrid for PMC Sierra
0803-6500-03 BEL-0803-6500-03 Datasheet
71Kb / 2P
Slim Line Hybrid for PMC Sierra
0803-6500-04 BEL-0803-6500-04 Datasheet
82Kb / 2P
Slim Line Hybrid for IDT
0803-6500-07 BEL-0803-6500-07 Datasheet
79Kb / 2P
Slim Line Hybrid for PMC Sierra
APC822XX BEL-APC822XX Datasheet
95Kb / 2P
T1/E1 Slim Line Hybrids for PMC Sierra
APC822XX-I BEL-APC822XX-I Datasheet
192Kb / 2P
Slim Line Hybrids for Infineon T1/E1/J1 ICs
APC82238 BEL-APC82238 Datasheet
119Kb / 2P
Slim Line Hybrid for Infineon T1/E1/J1 ICs
APC82246 BEL-APC82246 Datasheet
75Kb / 1P
T1/E1/J1 Line Interface Hybrid for Intel Octal LIU
0803-6500-20 BEL-0803-6500-20 Datasheet
324Kb / 2P
Slim Line Hybrid for Infineon
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com