Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2000SERIES Datasheet(PDF) 26 Page - Pico Technology Ltd.

Part # 2000SERIES
Description  Ultra-compact PC oscilloscopes
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

2000SERIES Datasheet(HTML) 26 Page - Pico Technology Ltd.

Back Button 2000SERIES Datasheet HTML 19Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 20Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 21Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 22Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 23Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 24Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 25Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 26Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 27Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
PicoScope 2000 Series oscilloscopes
Ordering information
Oscilloscopes
Order code Model name
Description
PP917
PicoScope 2204A-D2
10 MHz 2-channel oscilloscope without probes
PP906
PicoScope 2204A
10 MHz 2-channel oscilloscope
PP966
PicoScope 2205A-D2
25 MHz 2-channel oscilloscope without probes
PP907
PicoScope 2205A
25 MHz 2-channel oscilloscope
PQ012
PicoScope 2206B
50 MHz 2-channel oscilloscope
PQ013
PicoScope 2207B
70 MHz 2-channel oscilloscope
PQ014
PicoScope 2208B
100 MHz 2-channel oscilloscope
PQ015
PicoScope 2405A
25 MHz 4-channel oscilloscope
PQ016
PicoScope 2406B
50 MHz 4-channel oscilloscope
PQ017
PicoScope 2407B
70 MHz 4-channel oscilloscope
PQ018
PicoScope 2408B
100 MHz 4-channel oscilloscope
PQ008
PicoScope 2205A MSO
25 MHz 2+16 channel mixed-signal oscilloscope
PQ009
PicoScope 2206B MSO
50 MHz 2+16 channel mixed-signal oscilloscope
PQ010
PicoScope 2207B MSO
70 MHz 2+16 channel mixed-signal oscilloscope
PQ011
PicoScope 2208B MSO
100 MHz 2+16 channel mixed-signal oscilloscope
Replacement accessories
Order code Model name
Description
TA375
TA375 passive probe
100 MHz 1:1/10:1 passive oscilloscope probe
TA136
TA136 logic cable
20-way 25 cm digital cable (suitable for MSOs only)
TA139
TA139 test clips
Pack of 12 logic test clips (suitable for MSOs only)
Calibration service
Order code Model name
Description
CC017
Calibration certificate CC017
Calibration certificate for PicoScope 2000 Series oscilloscope
* Prices are correct at the time of publication. Sales taxes not included. Please contact Pico Technology for the latest prices before ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com