Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

93LC86CTEOTG Datasheet(PDF) 21 Page - Microchip Technology

Part # 93LC86CTEOTG
Description  16K Microwire Compatible Serial EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LC86CTEOTG Datasheet(HTML) 21 Page - Microchip Technology

Back Button 93LC86CTEOTG Datasheet HTML 17Page - Microchip Technology 93LC86CTEOTG Datasheet HTML 18Page - Microchip Technology 93LC86CTEOTG Datasheet HTML 19Page - Microchip Technology 93LC86CTEOTG Datasheet HTML 20Page - Microchip Technology 93LC86CTEOTG Datasheet HTML 21Page - Microchip Technology 93LC86CTEOTG Datasheet HTML 22Page - Microchip Technology 93LC86CTEOTG Datasheet HTML 23Page - Microchip Technology 93LC86CTEOTG Datasheet HTML 24Page - Microchip Technology 93LC86CTEOTG Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
© 2005 Microchip Technology Inc.
DS21797G-page 21
93AA86A/B/C, 93LC86A/B/C, 93C86A/B/C
8-Lead Plastic Dual Flat No Lead Package (MC) 2x3x0.9 mm Body (DFN) – Saw Singulated
L
E2
A3
A1
A
TOP VIEW
D
E
EXPOSED
PAD
METAL
D2
BOTTOM VIEW
2
1
bp
n
(NOTE 3)
EXPOSED
TIE BAR
PIN 1
(NOTE 1)
ID INDEX
AREA
(NOTE 2)
CONFIGURATION
CONTACT
ALTERNATE
DETAIL
K
3. Package may have one or more exposed tie bars at ends.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
REF: Reference Dimension, usually without tolerance, for information purposes only.
JEDEC Equivalent MO-229 VCED-2
See ASME Y14.5M
See ASME Y14.5M
MILLIMETERS*
0.50 BSC
2.00 BSC
0.20 REF.
3.00 BSC
1. Pin 1 visual index feature may vary, but must be located within the hatched area.
.039
.035
.031
0.80
A
Overall Height
2. Exposed pad may vary according to die attach paddle size.
* Controlling Parameter
Contact Length §
Notes:
Contact Width
Standoff
Overall Width
Overall Length
Contact Thickness
Exposed Pad Width
Exposed Pad Length
.010
.008
L
b.012
0.20
.001
.008 REF.
.079 BSC
–
–
.118 BSC
D
.051
.059
D2
E2
E
.000
A3
A1
.069
.075
1.30**
1.50**
.002
0.00
Dimension Limits
Pitch
Number of Pins
INCHES
.020 BSC
MIN
n
e
NOM
Units
8
MAX
MIN
1.00
0.90
0.25
0.30
–
–
1.75
1.90
0.02
0.05
8
NOM
MAX
Contact-to-Exposed Pad
§
.012
K
.016
0.40
.020
0.30
0.50
** Not within JEDEC parameters
§ Significant Characteristic
.008
–
–
0.20
–
–
DWG No. C04-123
Revised 09-12-05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com