Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G66 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74LVC1G66
Description  Bilateral switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G66 Datasheet(HTML) 4 Page - NXP Semiconductors

  74LVC1G66 Datasheet HTML 1Page - NXP Semiconductors 74LVC1G66 Datasheet HTML 2Page - NXP Semiconductors 74LVC1G66 Datasheet HTML 3Page - NXP Semiconductors 74LVC1G66 Datasheet HTML 4Page - NXP Semiconductors 74LVC1G66 Datasheet HTML 5Page - NXP Semiconductors 74LVC1G66 Datasheet HTML 6Page - NXP Semiconductors 74LVC1G66 Datasheet HTML 7Page - NXP Semiconductors 74LVC1G66 Datasheet HTML 8Page - NXP Semiconductors 74LVC1G66 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
2004 Apr 13
4
Philips Semiconductors
Product specification
Bilateral switch
74LVC1G66
handbook, halfpage
MNA076
4 #
1
2
X1
1
1
Fig.3 IEC logic symbol.
handbook, halfpage
MNA658
VCC
E
Y
Z
Fig.4 Logic diagram.
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
supply voltage
1.65
5.5
V
VI
input voltage
0
5.5
V
VO
output voltage
active mode
0
VCC
V
VCC = 0 V; Power-down mode
0
5.5
V
Tamb
operating ambient temperature
−40
+125
°C
tr,tf
input rise and fall times
VCC = 1.65 to 2.7 V
0
20
ns/V
VCC = 2.7 to 5.5 V
0
10
ns/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com