Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2PB709AW Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 2PB709AW
Description  PNP general purpose transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

2PB709AW Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  2PB709AW Datasheet HTML 1Page - Nexperia B.V. All rights reserved 2PB709AW Datasheet HTML 2Page - Nexperia B.V. All rights reserved 2PB709AW Datasheet HTML 3Page - Nexperia B.V. All rights reserved 2PB709AW Datasheet HTML 4Page - Nexperia B.V. All rights reserved 2PB709AW Datasheet HTML 5Page - Nexperia B.V. All rights reserved 2PB709AW Datasheet HTML 6Page - Nexperia B.V. All rights reserved 2PB709AW Datasheet HTML 7Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2002 Jun 26
3
NXP Semiconductors
Product data sheet
PNP general purpose transistor
2PB709AW
THERMAL CHARACTERISTICS
Note
1.
For mounting conditions, see “Thermal considerations and footprint design for SOT323 in the General Part of Data
Handbook SC18”.
CHARACTERISTICS
Tamb = 25 °C unless otherwise specified.
Note
1.
Pulse test: tp ≤ 300 μs; δ ≤ 0.02.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
625
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
ICBO
collector-base cut-off current
IE = 0; VCB = −45 V
−
−10
nA
IE = 0; VCB = −45 V; Tj = 150 °C
−
−5
μA
IEBO
emitter-base cut-off current
IC = 0; VEB = −5 V
−
−10
nA
hFE
DC current gain
IC = −2 mA; VCE = −10 V
2PB709AQW
160
260
2PB709ARW
210
340
2PB709ASW
290
460
VCEsat
collector-emitter saturation voltage
IC = −100 mA; IB = −10 mA;
note 1
−
−500
mV
Cc
collector capacitance
IE = ie = 0; VCB = −10 V;
f = 1 MHz
−
5
pF
fT
transition frequency
IC = −1 mA; VCE = −10 V;
f = 100 MHz
2PB709AQW
60
−
MHz
2PB709ARW
70
−
MHz
2PB709ASW
80
−
MHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com