Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2PC4081R Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 2PC4081R
Description  NPN general-purpose transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

2PC4081R Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  2PC4081R Datasheet HTML 1Page - Nexperia B.V. All rights reserved 2PC4081R Datasheet HTML 2Page - Nexperia B.V. All rights reserved 2PC4081R Datasheet HTML 3Page - Nexperia B.V. All rights reserved 2PC4081R Datasheet HTML 4Page - Nexperia B.V. All rights reserved 2PC4081R Datasheet HTML 5Page - Nexperia B.V. All rights reserved 2PC4081R Datasheet HTML 6Page - Nexperia B.V. All rights reserved 2PC4081R Datasheet HTML 7Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
©
Nexperia B.V. 2009. All rights reserved.
Product data sheet
Rev. 06 — 17 November 2009
4 of 7
Nexperia
2PC4081
NPN general-purpose transistor
8.
Package outline
Fig 1.
Package outline SOT323 (SC-70)
2PC4081
UNIT
A1
max
bp
cD
E
e1
HE
Lp
Qw
v
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.1
1.1
0.8
0.4
0.3
0.25
0.10
2.2
1.8
1.35
1.15
0.65
e
1.3
2.2
2.0
0.23
0.13
0.2
0.2
DIMENSIONS (mm are the original dimensions)
0.45
0.15
SOT323
SC-70
w M
bp
D
e1
e
A
B
A1
Lp
Q
detail X
c
HE
E
v M A
A
B
y
0
1
2 mm
scale
A
X
12
3
Plastic surface-mounted package; 3 leads
SOT323
04-11-04
06-03-16



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com