Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2PC4617RMB Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 2PC4617RMB
Description  50 V, 100 mA NPN general-purpose transistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

2PC4617RMB Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  2PC4617RMB Datasheet HTML 1Page - Nexperia B.V. All rights reserved 2PC4617RMB Datasheet HTML 2Page - Nexperia B.V. All rights reserved 2PC4617RMB Datasheet HTML 3Page - Nexperia B.V. All rights reserved 2PC4617RMB Datasheet HTML 4Page - Nexperia B.V. All rights reserved 2PC4617RMB Datasheet HTML 5Page - Nexperia B.V. All rights reserved 2PC4617RMB Datasheet HTML 6Page - Nexperia B.V. All rights reserved 2PC4617RMB Datasheet HTML 7Page - Nexperia B.V. All rights reserved 2PC4617RMB Datasheet HTML 8Page - Nexperia B.V. All rights reserved 2PC4617RMB Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1.
Product profile
1.1 General description
NPN general-purpose transistors in a leadless ultra small DFN1006B-3 (SOT883B)
Surface-Mounted Device (SMD) plastic package.
1.2 Features and benefits
1.3 Applications
 General-purpose switching and amplification
 Mobile applications
1.4 Quick reference data
2PC4617xMB series
50 V, 100 mA NPN general-purpose transistors
Rev. 1 — 26 March 2012
Product data sheet
Table 1.
Product overview
Type number
Package
PNP complement
N
experia
JEITA
JEDEC
2PC4617QMB
SOT883B
-
-
2PA1774QMB
2PC4617RMB
SOT883B
-
-
2PA1774RMB
 Leadless ultra small SMD plastic
package
 Power dissipation comparable to SOT23
 Low package height of 0.37 mm
 AEC-Q101 qualified
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max Unit
VCEO
collector-emitter voltage
open base
-
-
50
V
IC
collector current
-
-
100
mA
hFE
DC current gain
VCE =6V; IC =1 mA
2PC4617QMB
120
-
270
2PC4617RMB
180
-
390


Similar Part No. - 2PC4617RMB

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
2PC4617RMB NEXPERIA-2PC4617RMB Datasheet
1Mb / 10P
50 V, 100 mA NPN general-purpose transistors
2PC4617RMB NEXPERIA-2PC4617RMB Datasheet
988Kb / 12P
40 V, 100 mA PNP general-purpose transistors
Rev. 1 - 23 March 2012
More results

Similar Description - 2PC4617RMB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2PD601ASL NXP-2PD601ASL Datasheet
56Kb / 9P
50 V, 100 mA NPN general-purpose transistors
Rev. 01-6 November 2008
2PD602ASL NXP-2PD602ASL Datasheet
57Kb / 9P
50 V, 500 mA NPN general-purpose transistors
Rev. 01-27 October 2008
2PD601A NXP-2PD601A Datasheet
131Kb / 8P
NPN general purpose transistors; 50 V, 100 mA
2002 Jun 26
2PD601BSL NXP-2PD601BSL Datasheet
317Kb / 13P
50 V, 200 mA NPN general-purpose transistors
Rev. 1-28 June 2010
logo
Nexperia B.V. All right...
2PC4617XMB NEXPERIA-2PC4617XMB Datasheet
1Mb / 10P
50 V, 100 mA NPN general-purpose transistors
NXP3875Y NEXPERIA-NXP3875Y Datasheet
1Mb / 15P
50 V, 150 mA NPN general-purpose transistors
2PD601AXL NEXPERIA-2PD601AXL Datasheet
614Kb / 9P
50 V, 100 mA NPN general-purpose transistors
Rev. 01 - 6 November 2008
2PD601BRL NEXPERIA-2PD601BRL Datasheet
993Kb / 13P
50 V, 200 mA NPN general-purpose transistors
Rev. 1 - 28 June 2010
2PD602AXL NEXPERIA-2PD602AXL Datasheet
614Kb / 9P
50 V, 500 mA NPN general-purpose transistors
Rev. 01 - 27 October 2008
2PD602ASL-Q NEXPERIA-2PD602ASL-Q Datasheet
182Kb / 8P
50 V, 500 mA NPN general-purpose transistors
12 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com