Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2PD601ART-QR Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # 2PD601ART-QR
Description  50 V, 100 mA NPN general-purpose transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

2PD601ART-QR Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button 2PD601ART-QR Datasheet HTML 2Page - Nexperia B.V. All rights reserved 2PD601ART-QR Datasheet HTML 3Page - Nexperia B.V. All rights reserved 2PD601ART-QR Datasheet HTML 4Page - Nexperia B.V. All rights reserved 2PD601ART-QR Datasheet HTML 5Page - Nexperia B.V. All rights reserved 2PD601ART-QR Datasheet HTML 6Page - Nexperia B.V. All rights reserved 2PD601ART-QR Datasheet HTML 7Page - Nexperia B.V. All rights reserved 2PD601ART-QR Datasheet HTML 8Page - Nexperia B.V. All rights reserved 2PD601ART-QR Datasheet HTML 9Page - Nexperia B.V. All rights reserved 2PD601ART-QR Datasheet HTML 10Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Nexperia
2PD601ART
50 V, 100 mA NPN general-purpose transistor
Contents
1. General description......................................................1
2. Features and benefits.................................................. 1
3. Applications.................................................................. 1
4. Quick reference data....................................................1
5. Pinning information......................................................2
6. Ordering information....................................................2
7. Marking..........................................................................2
8. Limiting values............................................................. 3
9. Thermal characteristics............................................... 4
10. Characteristics............................................................5
11. Package outline.......................................................... 6
12. Soldering..................................................................... 7
13. Revision history..........................................................8
14. Legal information........................................................9
© Nexperia B.V. 2023. All rights reserved
For more information, please visit: http://www.nexperia.com
For sales office addresses, please send an email to: salesaddresses@nexperia.com
Date of release: 1 January 2023
2PD601ART
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
1 January 2023
10 / 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com