Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2PD601BRL Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # 2PD601BRL
Description  50 V, 200 mA NPN general-purpose transistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

2PD601BRL Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button 2PD601BRL Datasheet HTML 5Page - Nexperia B.V. All rights reserved 2PD601BRL Datasheet HTML 6Page - Nexperia B.V. All rights reserved 2PD601BRL Datasheet HTML 7Page - Nexperia B.V. All rights reserved 2PD601BRL Datasheet HTML 8Page - Nexperia B.V. All rights reserved 2PD601BRL Datasheet HTML 9Page - Nexperia B.V. All rights reserved 2PD601BRL Datasheet HTML 10Page - Nexperia B.V. All rights reserved 2PD601BRL Datasheet HTML 11Page - Nexperia B.V. All rights reserved 2PD601BRL Datasheet HTML 12Page - Nexperia B.V. All rights reserved 2PD601BRL Datasheet HTML 13Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
© Nexperia B.V. 2017. All rights reserved
2PD601BRL_2PD601BSL
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 28 June 2010
10 of 13
Nexperia
2PD601BRL; 2PD601BSL
50 V, 200 mA NPN general-purpose transistors
12. Revision history
Table 10.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
2PD601BRL_2PD601BSL v.1
20100628
Product data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com