Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC51PAS Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # BC51PAS
Description  45 V, 1 A PNP medium power transistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC51PAS Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button BC51PAS Datasheet HTML 2Page - Nexperia B.V. All rights reserved BC51PAS Datasheet HTML 3Page - Nexperia B.V. All rights reserved BC51PAS Datasheet HTML 4Page - Nexperia B.V. All rights reserved BC51PAS Datasheet HTML 5Page - Nexperia B.V. All rights reserved BC51PAS Datasheet HTML 6Page - Nexperia B.V. All rights reserved BC51PAS Datasheet HTML 7Page - Nexperia B.V. All rights reserved BC51PAS Datasheet HTML 8Page - Nexperia B.V. All rights reserved BC51PAS Datasheet HTML 9Page - Nexperia B.V. All rights reserved BC51PAS Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Nexperia
BC51xPAS series
45 V, 1 A PNP medium power transistors
10. Characteristics
Table 7. Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCB = -30 V; IE = 0 A; Tamb = 25 °C
-
-
-100
nA
ICBO
collector-base cut-off
current (emitter open)
VCB = -30 V; IE = 0 A; Tamb = 150 °C
-
-
-10
µA
IEBO
emitter-base cut-off
current (collector open)
VEB = -5 V; IC = 0 A; Tamb = 25 °C
-
-
-100
nA
DC current gain
BC51PAS
63
-
-
BC51-10PAS
63
-
-
BC51-16PAS
VCE = -2 V; IC = -5 mA; Tamb = 25 °C
63
-
-
BC51PAS
[1]
63
-
250
BC51-10PAS
[1]
63
-
160
BC51-16PAS
VCE = -2 V; IC = -150 mA; Tamb = 25 °C
[1]
100
-
250
BC51PAS
[1]
40
-
-
BC51-10PAS
[1]
40
-
-
hFE
BC51-16PAS
VCE = -2 V; IC = -500 mA; Tamb = 25 °C
[1]
40
-
-
VCEsat
collector-emitter
saturation voltage
IC = -500 mA; IB = -50 mA; Tamb = 25 °C [1]
-
-
-500
mV
VBE
base-emitter voltage
VCE = -2 V; IC = -500 mA; Tamb = 25 °C [1]
-
-
-1
V
Cc
collector capacitance
VCB = -10 V; ie = 0 A; f = 1 MHz;
Tamb = 25 °C
-
15
-
pF
fT
transition frequency
VCE = -5 V; IC = -50 mA; f = 100 MHz;
Tamb = 25 °C
-
145
-
MHz
[1] pulsed; tp ≤ 300 µs; δ ≤ 0.02
006aac688
100
200
300
hFE
0
IC (A)
-10 - 4
-10
- 1
-10 - 3
-10 - 1
-10 - 2
(1)
(2)
(3)
VCE = -2 V
(1) Tamb = 100 °C
(2) Tamb = 25 °C
(3) Tamb = -55 °C
Fig. 7. DC current gain as a function of collector
current; typical values
VCE (V)
0
- 2.0
- 1.6
- 0.8
- 1.2
- 0.4
006aaa230
- 0.8
- 0.4
- 1.2
- 1.6
IC
(A)
0
- 4.5
- 9
- 13.5
- 18
- 22.5
- 27
- 31.5
IB (mA) = - 45 - 40.5 - 36
Tamb = 25 °C
Fig. 8. Collector current as a function of collector-
emitter voltage; typical values
BC51XPAS_SER
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
6 December 2022
6 / 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com