Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC68PAS_SER Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # BC68PAS_SER
Description  20 V, 2 A NPN medium power transistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC68PAS_SER Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  BC68PAS_SER Datasheet HTML 1Page - Nexperia B.V. All rights reserved BC68PAS_SER Datasheet HTML 2Page - Nexperia B.V. All rights reserved BC68PAS_SER Datasheet HTML 3Page - Nexperia B.V. All rights reserved BC68PAS_SER Datasheet HTML 4Page - Nexperia B.V. All rights reserved BC68PAS_SER Datasheet HTML 5Page - Nexperia B.V. All rights reserved BC68PAS_SER Datasheet HTML 6Page - Nexperia B.V. All rights reserved BC68PAS_SER Datasheet HTML 7Page - Nexperia B.V. All rights reserved BC68PAS_SER Datasheet HTML 8Page - Nexperia B.V. All rights reserved BC68PAS_SER Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1.
Product profile
1.1 General description
NPN medium power transistors in an ultra thin DFN2020D-3 (SOT1061D) leadless small
Surface-Mounted Device (SMD) plastic package with medium power capability and visible
and solderable side pads.
PNP complement: BC69PAS series
1.2 Features and benefits
1.3 Applications
1.4 Quick reference data
[1]
Pulse test: tp  300 s;   0.02.
BC68PAS series
20 V, 2 A NPN medium power transistors
Rev. 1 — 19 June 2015
Product data sheet
 High collector current capability
IC and ICM
 Two current gain selections
 Reduced Printed-Circuit Board (PCB)
area requirements
 Leadless very small SMD plastic
package with medium power capability
 Exposed heat sink for excellent thermal
and electrical conductivity
 Suitable for Automatic Optical
Inspection (AOI) of solder joint
 AEC-Q101 qualified
 Linear voltage regulators
 Low-side switches
 Battery driven devices
 Power management
 MOSFET drivers
 Amplifiers
Table 1.
Quick reference data
Tamb = 25 C unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter voltage open base
-
-
20
V
IC
collector current
-
-
2
A
ICM
peak collector current
single pulse; tp  1 ms
--3
A
hFE
DC current gain
VCE =1V; IC =500 mA
[1] 85
-
375
hFE selection -25
VCE =1V; IC =500 mA
[1] 160
-
375


Similar Part No. - BC68PAS_SER

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BC68PAS NEXPERIA-BC68PAS Datasheet
762Kb / 14P
20 V, 2 A NPN medium power transistors
More results

Similar Description - BC68PAS_SER

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC68-25PA PHILIPS-BC68-25PA Datasheet
1Mb / 23P
20 V, 2 A NPN medium power transistors
Rev. 8-18 October 2011
BC69PA NXP-BC69PA Datasheet
266Kb / 24P
20 V, 2 A PNP medium power transistors
Rev. 7-12 October 2011
BCP69 PHILIPS-BCP69_15 Datasheet
266Kb / 24P
20 V, 2 A PNP medium power transistors
Rev. 7-12 October 2011
BCP68 PHILIPS-BCP68_15 Datasheet
1Mb / 23P
20 V, 2 A NPN medium power transistors
Rev. 8-18 October 2011
logo
Nexperia B.V. All right...
BC68PAS NEXPERIA-BC68PAS Datasheet
762Kb / 14P
20 V, 2 A NPN medium power transistors
BC69PAS NEXPERIA-BC69PAS Datasheet
1,022Kb / 16P
20 V, 2 A PNP medium power transistors
BC68PA-Q_SER NEXPERIA-BC68PA-Q_SER Datasheet
247Kb / 13P
20 V, 2 A NPN medium power transistors
Rev. 1 - 9 May 2022
BC868-Q_SER NEXPERIA-BC868-Q_SER Datasheet
235Kb / 12P
20 V, 2 A NPN medium power transistors
Rev. 1 - 9 May 2022
BCP68-Q_SER NEXPERIA-BCP68-Q_SER Datasheet
244Kb / 12P
20 V, 2 A NPN medium power transistors
Rev. 1 - 9 May 2022
BCP68 NEXPERIA-BCP68 Datasheet
2Mb / 23P
20 V, 2 A NPN medium power transistors
Rev. 8 - 18 October 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com